Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 110Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 111Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 112Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 113Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 114Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 115Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 116Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 117Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
114
Clock Generator Module (CGMC)
MOTOROLA
7.6 CGMC Registers
These registers control and monitor operation of the CGMC:
•
PLL control register (PCTL)
(See PLL Control Register.)
•
PLL bandwidth control register (PBWC)
(See PLL Bandwidth Control Register.)
•
PLL multiplier select register high (PMSH)
(See PLL Multiplier Select Register High.)
•
PLL multiplier select register low (PMSL)
(See PLL Multiplier Select Register Low.)
•
PLL VCO range select register (PMRS)
(See PLL VCO Range Select Register.)
•
PLL reference divider select register (PMDS)
(See PLL Reference Divider Select Register.)
Figure 7-3 is a summary of the CGMC registers.
Addr.
Register Name
Bit 7
654321
Bit 0
$0036
PLL Control Register
(PCTL)
Read:
PLLIE
PLLF
PLLON
BCS
PRE1
PRE0
VPR1
VPR0
Write:
Reset:
00100000
$0037
PLL Bandwidth Control
Register (PBWC)
Read:
AUTO
LOCK
ACQ
0000
R
Write:
Reset:
00000000
$0038
PLL Multiplier Select High
Register (PMSH)
Read:
0000
MUL11
MUL10
MUL9
MUL8
Write:
Reset:
00000000
$0039
PLL Multiplier Select Low
Register (PMSL)
Read:
MUL7
MUL6
MUL5
MUL4
MUL3
MUL2
MUL1
MUL0
Write:
Reset:
01000000
Figure 7-3. CGMC I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com