Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 118Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 119Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 120Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 121Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 122Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 123Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 124Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 125Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
122
Clock Generator Module (CGMC)
MOTOROLA
7.6.6 PLL Reference Divider Select Register
NOTE:
PMDS may be called PRDS on other HC08 derivatives.
The PLL reference divider select register (PMDS) contains the
programming information for the modulo reference divider.
RDS3–RDS0 — Reference Divider Select Bits
These read/write bits control the modulo reference divider that selects
the reference division factor, R. (See PLL Circuits and Programming
the PLL.) RDS7–RDS0 cannot be written when the PLLON bit in the
PCTL is set. A value of $00 in the reference divider select register
configures the reference divider the same as a value of $01. (See
Special Programming Exceptions.) Reset initializes the register to
$01 for a default divide value of 1.
NOTE:
The reference divider select bits have built-in protection such that they
cannot be written when the PLL is on (PLLON = 1).
NOTE:
The default divide value of 1 is recommended for all applications.
PMDS7–PMDS4 — Unimplemented Bits
These bits have no function and always read as logic 0s.
Address:
$003B
Bit 7
654321
Bit 0
Read:
0000
RDS3
RDS2
RDS1
RDS0
Write:
Reset:
00000001
= Unimplemented
Figure 7-9. PLL Reference Divider Select Register (PMDS)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com