Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 139Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 140Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 141Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 142Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 143Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 144Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 145Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 146Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 408 page
background image
Central Processing Unit (CPU)
CPU registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Central Processing Unit (CPU)
143
During reset, the program counter is loaded with the reset vector
address located at $FFFE and $FFFF. The vector address is the
address of the first instruction to be executed after exiting the reset state.
10.4.5 Condition code register (CCR)
The 8-bit condition code register contains the interrupt mask and five
flags that indicate the results of the instruction just executed. Bits 6 and
5 are set permanently to ‘1’. The following paragraphs describe the
functions of the condition code register.
V — Overflow flag
The CPU sets the overflow flag when a two's complement overflow
occurs. The signed branch instructions BGT, BGE, BLE, and BLT use
the overflow flag.
1 = Overflow
0 = No overflow
H — Half-carry flag
Bit
15
14
13
12
11
10
9
8765
4321
Bit
0
PC
Read:
Write:
Reset:
Loaded with vector from $FFFE and $FFFF
Figure 10-5. Program counter (PC)
Bit 7
654321
Bit 0
CCR
Read:
V1
1
H
I
N
Z
C
Write:
Reset:
X
1
1X1X
X
X
X = Indeterminate
Figure 10-6. Condition code register (CCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com