Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 159Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 160Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 161Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 162Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 163Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 164Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 165Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 166Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 408 page
background image
Flash Memory
FLASH Block Protection
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Flash Memory
163
NOTE:
Programming and erasing of FLASH locations cannot be performed by
code being executed from the FLASH memory. While these operations
must be performed in the order shown, other unrelated operations may
occur between the steps. Do not exceed tPROG maximum. See Memory
Characteristics.
11.8 FLASH Block Protection
Due to the ability of the on-board charge pump to erase and program the
FLASH memory in the target application, provision is made for protecting
a block of memory from unintentional erase or program operations due
to system malfunction. This protection is done by using of a FLASH
Block Protect Register (FLBPR). The FLBPR determines the range of
the FLASH memory which is to be protected. The range of the protected
area starts from a location defined by FLBPR and ends at the bottom of
the FLASH memory ($FFFF). When the memory is protected, the HVEN
bit cannot be set in either ERASE or PROGRAM operations.
NOTE:
In performing a program or erase operation, the FLASH block protect
register must be read after setting the PGM or ERASE bit and before
asserting the HVEN bit
When the FLBPR is programmed with all 0s, the entire memory is
protected from being programmed and erased. When all the bits are
erased (all 1s), the entire memory is accessible for program and erase.
When bits within the FLBPR are programmed, they lock a block of
memory with address ranges as shown in FLASH Block Protect
Register. Once the FLBPR is programmed with a value other than $FF,
any erase or program of the FLBPR or the protected block of FLASH
memory is prohibited. The FLBPR itself can be erased or programmed
only with an external voltage, VTST, present on the IRQ pin. This voltage
also allows entry from reset into the monitor mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com