Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68ICS08GR Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc

Part # M68ICS08GR
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68ICS08GR Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button M68ICS08GR Datasheet HTML 188Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 189Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 190Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 191Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 192Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 193Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 194Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 195Page - Freescale Semiconductor, Inc M68ICS08GR Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 408 page
background image
Monitor ROM (MON)
Technical Data
MC68HC908GR8 — Rev 4.0
192
Monitor ROM (MON)
MOTOROLA
The monitor code has been updated from previous versions to allow
enabling the PLL to generate the internal clock, provided the reset vector
is blank, when the device is being clocked by a low-frequency crystal.
This addition, which is enabled when IRQ is held low out of rest, is
intended to support serial communication/ programming at 9600 baud in
monitor mode by stepping up the external frequency (assumed to be
32.768 kHz) by a fixed amount to generate the desired internal
frequency (2.4576 MHz). Since this feature is enabled only when IRQ is
held low out of reset, it cannot be used when the reset vector is not blank
because entry into monitor mode in this case requires VTST on IRQ.
15.4.1 Entering Monitor Mode
Table 15-1 shows the pin conditions for entering monitor mode. As
specified in the table, monitor mode may be entered after a power-on
reset (POR) and will allow communication at 9600 baud provided one of
the following sets of conditions is met:
1. If $FFFE and $FFFF contain values not cared:
–
The external clock is 9.8304 MHz
–
IRQ = VTST (PLL off)
2. If $FFFE and $FFFF contain $FF, blank state:
–
The external clock is 9.8304 MHz
–
IRQ = VDD (this can be implemented through the internal IRQ
pullup; PLL off)
3. If $FFFE and $FFFF contain $FF, blank state:
–
The external clock is 32.768 kHz (crystal)
–
IRQ = VSS (this setting initiates the PLL to boost the external
32.768 kHz to an internal bus frequency of 2.4576 MHz)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com