Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 31Page - Cypress Semiconductor FX3 Datasheet HTML 32Page - Cypress Semiconductor FX3 Datasheet HTML 33Page - Cypress Semiconductor FX3 Datasheet HTML 34Page - Cypress Semiconductor FX3 Datasheet HTML 35Page - Cypress Semiconductor FX3 Datasheet HTML 36Page - Cypress Semiconductor FX3 Datasheet HTML 37Page - Cypress Semiconductor FX3 Datasheet HTML 38Page - Cypress Semiconductor FX3 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 35 of 45
I2S Timing Diagram
Figure 17. I2S Transmit Cycle
I2C Fast Mode Plus Parameters (Not supported at I2C_VDDQ=1.2 V)
fSCL
SCL clock frequency
0
1000
kHz
tHD:STA
Hold time START condition
0.26
–
µs
tLOW
LOW period of the SCL
0.5
–
µs
tHIGH
HIGH period of the SCL
0.26
–
µs
tSU:STA
Setup time for a repeated START condition
0.26
–
µs
tHD:DAT
Data hold time
0
–
µs
tSU:DAT
Data setup time
50
–
ns
tr
Rise time of both SDA and SCL signals
–
120
ns
tf
Fall time of both SDA and SCL signals
–
120
ns
tSU:STO
Setup time for STOP condition
0.26
–
µs
tBUF
Bus-free time between a STOP and START condition
0.5
–
µs
tVD:DAT
Data valid time
–
0.45
µs
tVD:ACK
Data valid ACK
–
0.55
µs
tSP
Pulse width of spikes that must be suppressed by input filter
0
50
ns
Table 13. I2C Timing Parameters[9] (continued)
Parameter
Description
Min
Max
Units
tT
tTR
tTF
tTL
tThd
tTd
tTH
SCK
SA,
WS (output)
Table 14. I2S Timing Parameters[10]
Parameter
Description
Min
Max
Units
tT
I2S transmitter clock cycle
Ttr
–
ns
tTL
I2S transmitter cycle LOW period
0.35 Ttr
–
ns
tTH
I2S transmitter cycle HIGH period
0.35 Ttr
–
ns
tTR
I2S transmitter rise time
–
0.15 Ttr
ns
tTF
I2S transmitter fall time
–
0.15 Ttr
ns
tThd
I2S transmitter data hold time
0
–
ns
tTd
I2S transmitter delay time
–
0.8tT
ns
Note tT is selectable through clock gears. Max Ttr is designed for 96-kHz codec at 32 bits to be 326 ns (3.072 MHz).
Note
10. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com