Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 14Page - Cypress Semiconductor FX3 Datasheet HTML 15Page - Cypress Semiconductor FX3 Datasheet HTML 16Page - Cypress Semiconductor FX3 Datasheet HTML 17Page - Cypress Semiconductor FX3 Datasheet HTML 18Page - Cypress Semiconductor FX3 Datasheet HTML 19Page - Cypress Semiconductor FX3 Datasheet HTML 20Page - Cypress Semiconductor FX3 Datasheet HTML 21Page - Cypress Semiconductor FX3 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 18 of 45
L11
A3
PWR
VSS
A7
A5
PWR
AVDD
B7
A6
PWR
AVSS
C3
F4
PWR
VDD
B8
D1
PWR
VSS
E9
F5
PWR
VDD
B9
E4
PWR
VSS
F11
F6
PWR
VDD
E5
PWR
VSS
GND
F7
PWR
VDD
E6
PWR
VSS
GND
E7
PWR
VSS
GND
H1
G6
PWR
VDD
L7
D7
PWR
VDD
J11
L10
PWR
VDD
L5
L12
PWR
VDD
K4
H7
PWR
VSS
L3
G7
PWR
VSS
K3
L11
PWR
VSS
L2
G8
PWR
VSS
A8
G5
PWR
VSS
Precision Resistors
C8
B3
VBUS/V
BATT
I/O
R_usb2
Precision resistor for USB 2.0 (Connect a 6.04 k
±1% resistor between this pin and GND)
B3
B9
U3TXVD
DQ
I/O
R_usb3
Precision resistor for USB 3.0 (Connect a 200
±1% resistor between this pin and GND)
Table 7. CYUSB3012 and CYUSB3014 Pin List (GPIF II with 32-bit Data Bus Width) (continued)
BGA
WLCSP
I/O
Name
Description
Table 8. CYUSB3011 and CYUSB3013 Pin List (GPIF II with 16-bit Data Bus Width)
Pin
I/O
Name
Description
GPIF II (VIO1 Power Domain)
GPIF II Interface
Slave FIFO Interface
F10
VIO1
I/O
GPIO[0]
DQ[0]
DQ[0]
F9
VIO1
I/O
GPIO[1]
DQ[1]
DQ[1]
F7
VIO1
I/O
GPIO[2]
DQ[2]
DQ[2]
G10
VIO1
I/O
GPIO[3]
DQ[3]
DQ[3]
G9
VIO1
I/O
GPIO[4]
DQ[4]
DQ[4]
F8
VIO1
I/O
GPIO[5]
DQ[5]
DQ[5]
H10
VIO1
I/O
GPIO[6]
DQ[6]
DQ[6]
H9
VIO1
I/O
GPIO[7]
DQ[7]
DQ[7]
J10
VIO1
I/O
GPIO[8]
DQ[8]
DQ[8]
J9
VIO1
I/O
GPIO[9]
DQ[9]
DQ[9]
K11
VIO1
I/O
GPIO[10]
DQ[10]
DQ[10]
L10
VIO1
I/O
GPIO[11]
DQ[11]
DQ[11]
K10
VIO1
I/O
GPIO[12]
DQ[12]
DQ[12]
K9
VIO1
I/O
GPIO[13]
DQ[13]
DQ[13]
J8
VIO1
I/O
GPIO[14]
DQ[14]
DQ[14]
G8
VIO1
I/O
GPIO[15]
DQ[15]
DQ[15]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com