Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 7Page - Cypress Semiconductor FX3 Datasheet HTML 8Page - Cypress Semiconductor FX3 Datasheet HTML 9Page - Cypress Semiconductor FX3 Datasheet HTML 10Page - Cypress Semiconductor FX3 Datasheet HTML 11Page - Cypress Semiconductor FX3 Datasheet HTML 12Page - Cypress Semiconductor FX3 Datasheet HTML 13Page - Cypress Semiconductor FX3 Datasheet HTML 14Page - Cypress Semiconductor FX3 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 11 of 45
Table 6. Entry and Exit Methods for Low-Power Modes
Low-Power Mode
Characteristics
Methods of Entry
Methods of Exit
Suspend Mode with
USB 3.0 PHY
Enabled (L1)
■ The power consumption in this mode does
not exceed ISB1
■ USB 3.0 PHY is enabled and is in U3 mode
(one of the suspend modes defined by the
USB 3.0 specification). This one block
alone is operational with its internal clock
while all other clocks are shut down
■ All I/Os maintain their previous state
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off
individually
■ The states of the configuration registers,
buffer memory, and all internal RAM are
maintained
■ All transactions must be completed before
FX3 enters Suspend mode (state of
outstanding transactions are not
preserved)
■ The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion) because
the program counter does not reset
■ Firmware executing on
ARM926EJ-S core can put FX3 into
suspend mode. For example, on
USB suspend condition, firmware
may decide to put FX3 into suspend
mode
■ External Processor, through the use
of mailbox registers, can put FX3 into
suspend mode
■ D+ transitioning to low
or high
■ D- transitioning to low
or high
■ Impedance change on
OTG_ID pin
■ Resume condition on
SSRX±
■ Detection of VBUS
■ Level detect on
UART_CTS (program-
mable polarity)
■ GPIF II interface
assertion of CTL[0]
■ Assertion of RESET#
Suspend Mode with
USB 3.0 PHY
Disabled (L2)
■ The power consumption in this mode does
not exceed ISB2
■ USB 3.0 PHY is disabled and the USB
interface is in suspend mode
■ The clocks are shut off. The PLLs are
disabled
■ All I/Os maintain their previous state
■ USB interface maintains the previous
state
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off
individually
■ The states of the configuration registers,
buffer memory and all internal RAM are
maintained
■ All transactions must be completed before
FX3 enters Suspend mode (state of
outstanding transactions are not
preserved)
■ The firmware resumes operation from
where it was suspended (except when
woken up by RESET# assertion) because
the program counter does not reset
■ Firmware executing on
ARM926EJ-S core can put FX3 into
suspend mode. For example, on
USB suspend condition, firmware
may decide to put FX3 into suspend
mode
■ External Processor, through the use
of mailbox registers can put FX3 into
suspend mode
■ D+ transitioning to low
or high
■ D- transitioning to low
or high
■ Impedance change on
OTG_ID pin
■ Resume condition on
SSRX±
■ Detection of VBUS
■ Level detect on
UART_CTS
(programmable
polarity)
■ GPIF II interface
assertion of CTL[0]
■ Assertion of RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com