Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 8Page - Cypress Semiconductor FX3 Datasheet HTML 9Page - Cypress Semiconductor FX3 Datasheet HTML 10Page - Cypress Semiconductor FX3 Datasheet HTML 11Page - Cypress Semiconductor FX3 Datasheet HTML 12Page - Cypress Semiconductor FX3 Datasheet HTML 13Page - Cypress Semiconductor FX3 Datasheet HTML 14Page - Cypress Semiconductor FX3 Datasheet HTML 15Page - Cypress Semiconductor FX3 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 12 of 45
Standby Mode (L3)
■ The power consumption in this mode does
not exceed ISB3
■ All configuration register settings and
program/data RAM contents are
preserved. However, data in the buffers or
other parts of the data path, if any, is not
guaranteed. Therefore, the external
processor should take care that the data
needed is read before putting FX3 into this
Standby Mode
■ The program counter is reset after waking
up from Standby
■ GPIO pins maintain their configuration
■ Crystal oscillator is turned off
■ Internal PLL is turned off
■ USB transceiver is turned off
■ ARM926EJ-S core is powered down.
Upon wakeup, the core re-starts and runs
the program stored in the program/data
RAM
■ Power supply for the wakeup source and
core power must be retained. All other
power domains can be turned on/off
individually
■ Firmware executing on
ARM926EJ-S core or external
processor configures the appropriate
register
■ Detection of VBUS
■ Level detect on
UART_CTS
(Programmable
Polarity)
■ GPIF II interface
assertion of CTL[0]
■ Assertion of RESET#
Core Power Down
Mode (L4)
■ The power consumption in this mode does
not exceed ISB4
■ Core power is turned off
■ All buffer memory, configuration registers,
and the program RAM do not maintain
state. After exiting this mode, reload the
firmware
■ In this mode, all other power domains can
be turned on/off individually
■ Turn off VDD
■ Reapply VDD
■ Assertion of RESET#
Table 6. Entry and Exit Methods for Low-Power Modes (continued)
Low-Power Mode
Characteristics
Methods of Entry
Methods of Exit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com