Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 37Page - Cypress Semiconductor FX3 Datasheet HTML 38Page - Cypress Semiconductor FX3 Datasheet HTML 39Page - Cypress Semiconductor FX3 Datasheet HTML 40Page - Cypress Semiconductor FX3 Datasheet HTML 41Page - Cypress Semiconductor FX3 Datasheet HTML 42Page - Cypress Semiconductor FX3 Datasheet HTML 43Page - Cypress Semiconductor FX3 Datasheet HTML 44Page - Cypress Semiconductor FX3 Datasheet HTML 45Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 44 of 45
*E
3204393
OSG
03/24/2011
Updated Slave FIFO protocol and added ZLP signaling protocol
Changed GPIFII asynchronous tDO parameter
Changed Async Slave FIFO tOE parameter
Changed Async Slave FIFO tRDO parameter
Added tCOE parameter to GPIFII Sync mode timing parameters
Renamed GPIFII Sync mode tDO to tCO and tDO_ss0 to tCO_ss0
Modified description of GPIFII Sync tCO (previously tDO) parameter
Changed tAH(address hold time) parameter in Async Slave FIFO modes to be
with respect to rising edge of SLWR#/SLRD# instead of falling edge.
Correspondingly, changed the tAH number.
Removed 24 bit data bus support for GPIFII.
*F
3219493
OSG
04/07/2011
Minor ECN - Release to web. No content changes.
*G
3235250
GSZ
04/20/2011
Minor updates in Features.
*H
3217917
OSG
04/06/2011
Updated GPIFII Synchronous Timing diagram. Added SPI Boot option.
Corrected values of R_USB2 and R_USB3. Corrected TCK and TRST#
pull-up/pull-down configuration. Minor updates to block diagrams.
Corrected Synchronous Slave FIFO tDH parameter.
*I
3305568
DSG
07/07/2011
Minor ECN - Correct ECN number in revision *F. No content changes.
*J
3369042
OSG
12/06/2011
Changed tWRPE parameter to 2ns
Updated tRR and tRPW for crystal input
Added clarification regarding IOZ and IIX
Updated Sync SLave FIFO Read timing diagram
Updated SPI timing diagram
Removed tGRANULARITY parameter
Updated I2S Timing diagram and tTd parameter
Updated 121-ball FBGA package diagram.
Added clarification regarding VCC in DC Specifications table
In Power Modes description, stated that VIO1 cannot be turned off at any time
if the GPIFII is used in the application
Updated Absolute Maximum Ratings
Added requirement for by-pass capacitor on U3RXVDDQ and U3TXVDDQ
Updated tPEI parameter in Async Slave FIFO timing table
Updated Sync Slave FIFO write and read timing diagrams
Updated I2C interface tVD:ACK parameter for 1MHz operation
Clarified that CTL[15] is not usable as a GPIO
Changed datasheet status from Preliminary to Final.
*K
3534275
OSG
02/24/2012
Corrected typo in the block diagram.
*L
3649782
OSG
08/16/2012
Changed part number to CYUSB301X.
Added 256 KB range for embedded SRAM.
Updated Functional Overview, Other Interfaces, and Clocking sections.
Added Pin List for CYUSB3011 and CYUSB3013 parts.
Updated Ordering Information with new part numbers.
*M
3848148
OSG
12/20/2012
Updated 121-ball FBGA package diagram to current revision.
*N
4016006
OSG
05/31/2013
Updated Features (Added 131-ball WLCSP under Package option).
Updated Pin Configurations (Added FX3 131-ball WLCSP Ball Map (Figure 8)).
Updated Pin Description (Updated Table 7).
Updated Absolute Maximum Ratings (Included Commercial Temperature
Range related information).
Updated Operating Conditions (Included Commercial Temperature Range
related information).
Updated Package Diagram (Added 131-ball WLCSP Package Diagram
(Figure 21)).
Updated Ordering Information (Updated part numbers).
Document History Page (continued)
Document Title: CYUSB301X, EZ-USB® FX3: SuperSpeed USB Controller
Document Number: 001-52136
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com