Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 34Page - Cypress Semiconductor FX3 Datasheet HTML 35Page - Cypress Semiconductor FX3 Datasheet HTML 36Page - Cypress Semiconductor FX3 Datasheet HTML 37Page - Cypress Semiconductor FX3 Datasheet HTML 38Page - Cypress Semiconductor FX3 Datasheet HTML 39Page - Cypress Semiconductor FX3 Datasheet HTML 40Page - Cypress Semiconductor FX3 Datasheet HTML 41Page - Cypress Semiconductor FX3 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 38 of 45
Reset Sequence
FX3’s hard reset sequence requirements are specified in this section.
Figure 19. Reset Sequence
Table 16. Reset and Standby Timing Parameters
Parameter
Definition
Conditions
Min (ms)
Max (ms)
tRPW
Minimum RESET# pulse width
Clock Input
1
–
Crystal Input
1
–
tRH
Minimum high on RESET#
–
5
–
tRR
Reset recovery time (after which Boot loader begins
firmware download)
Clock Input
1
–
Crystal Input
5
tSBY
Time to enter standby/suspend (from the time
MAIN_CLOCK_EN/ MAIN_POWER_EN bit is set)
––
1
tWU
Time to wakeup from standby
Clock Input
1
–
Crystal Input
5
–
tWH
Minimum time before Standby/Suspend source may
be reasserted
–5
–
VDD
(core )
xVDDQ
XTALIN/
CLKIN
RESET #
Mandatory
Reset Pulse
Hard Reset
tRPW
tRh
Standby/
Suspend
Source
Standby/Suspend source Is asserted
(MAIN_POWER_EN/ MAIN_CLK_EN bit
is set)
Standby/Suspend
source Is deasserted
tSBY
tWU
XTALIN/ CLKIN must be stable
before exiting Standby/Suspend
tRR
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com