Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX3 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # FX3
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FX3 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button FX3 Datasheet HTML 19Page - Cypress Semiconductor FX3 Datasheet HTML 20Page - Cypress Semiconductor FX3 Datasheet HTML 21Page - Cypress Semiconductor FX3 Datasheet HTML 22Page - Cypress Semiconductor FX3 Datasheet HTML 23Page - Cypress Semiconductor FX3 Datasheet HTML 24Page - Cypress Semiconductor FX3 Datasheet HTML 25Page - Cypress Semiconductor FX3 Datasheet HTML 26Page - Cypress Semiconductor FX3 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 23 of 45
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL (min) = +100 µA tested at quarter
drive strength. VCC is the corresponding
I/O voltage supply.
IIX
Input leakage current for all pins except
SSTXP/SSXM/SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
(For I/Os with a pull-up or pull-down
resistor connected, the leakage current
increases by VDDQ/Rpu or VDDQ/RPD
IOZ
Output High-Z leakage current for all pins
except SSTXP/ SSXM/ SSRXP/SSRXM
–1
1
µA
All I/O signals held at VDDQ
ICC Core
Core and analog voltage operating
current
–
200
mA
Total current through AVDD, VDD
ICC USB
USB voltage supply operating current
–
60
mA
ISB1
Total suspend current during suspend
mode with USB 3.0 PHY enabled (L1)
–
–
mA
Core current: 1.5 mA
I/O current: 20 µA
USB current: 2 mA
For typical PVT (typical silicon, all power
supplies at their respective nominal
levels at 25 °C.)
ISB2
Total suspend current during suspend
mode with USB 3.0 PHY disabled (L2)
–
–
mA
Core current: 250 µA
I/O current: 20 µA
USB current: 1.2 mA
For typical PVT (Typical silicon, all power
supplies at their respective nominal
levels at 25 °C.)
ISB3
Total standby current during standby
mode (L3)
–
–
µA
Core current: 60 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon, all power
supplies at their respective nominal
levels at 25 °C.)
ISB4
Total standby current during core
power-down mode (L4)
–
–
µA
Core current: 0 µA
I/O current: 20 µA
USB current: 40 µA
For typical PVT (typical silicon, all power
supplies at their respective nominal
levels at 25 °C.)
VRAMP
Voltage ramp rate on core and I/O
supplies
0.2
50
V/ms Voltage ramp must be monotonic
VN
Noise level permitted on VDD and I/O
supplies
–
100
mV
Max p-p noise level permitted on all
supplies except AVDD
VN_AVDD
Noise level permitted on AVDD supply
–
20
mV
Max p-p noise level permitted on AVDD
DC Specifications (continued)
Parameter
Description
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com