Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC9600FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TIMING SOLUTIONS
3
MOTOROLA
PIN CONFIGURATION
Pin
I/O
Type
Description
PCLK, PCLK
Input
PECL
Differential reference clock frequency input
CCLK
Input
LVCMOS
Reference clock input
FB_IN
Input
LVCMOS
PLL feedback clock input
QAn
Output
LVCMOS
Bank A outputs
QBn
Output
LVCMOS
Bank B outputs
QCn
Output
LVCMOS
Bank C outputs
QFB
Output
LVCMOS
Differential feedback output
REF_SEL
Input
LVCMOS
Reference clock input select
FSELA
Input
LVCMOS
Selection of bank A output frequency
FSELB
Input
LVCMOS
Selection of bank B output frequency
FSELC
Input
LVCMOS
Selection of bank C output frequency
FSEL_FB
Input
LVCMOS
Selection of feedback frequency
OE
Input
LVCMOS
Output enable
VCCA
Power supply
Analog power supply and PLL bypass. An external VCC filter is recommended for VCCA
VCC
Power supply
Core power supply
GND
Ground
Ground
GND
QA3
QA2
VCC
QA1
QA0
GND
VCC
QC3
QC4
GND
QC5
QC6
41
42
43
44
45
46
47
48
19
18
17
16
15
14
13
12
345678
36
35
34
33
32
31
30
29
20
MPC9600
Figure 2. 48 Lead Package Pinout (Top View)
FB_IN
OE
VCC
910
11
12
GND
QC0
QC1
QC2
23
22
21
24
28
27
26
25
VCC
QA6
QA5
37
38
39
40
QA4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com