Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MOTOROLA
TIMING SOLUTIONS
12
Figure 17. Cycle–to–cycle Jitter
Figure 18. Period Jitter
The variation in cycle time of a signal between adjacent cycles, over a
random sample of adjacent cycle pairs
The deviation in cycle time of a signal with respect to the ideal period over
a random sample of cycles
TN
TJIT(CC) = |TN–TN+1|
TN+1
TJIT(P) = |TN–1/f0|
T0
tF
tR
VCC=3.3 V VCC=2.5 V
2.4
1.8 V
0.55
0.6 V
Figure 19. I/O Jitter
Figure 20. Output Transition Time Test Reference
TJIT(
∅) = |T0–T1mean|
CCLK
FB_IN
The deviation in t0 for a controlled edge with respect to a t0 mean in a
random sample of cycles
(PCLK)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com