Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TIMING SOLUTIONS
7
MOTOROLA
APPLICATIONS INFORMATION
Programming the MPC9600
The MPC9600 clock driver outputs can be configured into
several divider modes. Additionally the external feedback of
the device allows for flexibility in establishing various input to
output frequency relationships. The selectable feedback
divider of the three output groups allows the user to configure
the device for 1:2, 1:3, 1:4 and 1:6 input:output frequency
ratios. The use of even dividers ensure that the output duty
cycle is always 50%. Table 6 illustrates the various output
configurations, the table describes the outputs using the
input clock frequency CLK as a reference.
The feedback divider division settings establish the output
relationship, in addition, it must be ensured that the VCO will
be stable given the frequency of the outputs desired. The
feedback frequency should be used to situate the VCO into a
frequency range in which the PLL will be stable. The design
of the PLL supports output frequencies from 50 MHz to 200
MHz while the VCO frequency range is specified from 200
MHz to 400 MHz and should not be exceeded for stable
operation.
Table 6: Output Frequency Relationshipa for QFB connected to FB_IN
Configuration Inputs
Input
Frequency
Output Frequency Ratio and Range
FSEL_FB
FSELA
FSELB
FSELC
Range CLK
[MHz]
Ratio, QAx [MHz]
Ratio, QBx [MHz]
Ratio, QCx [MHz]
0
0
0
0
4
SCLK (100–200)
4
SCLK (100–200)
4
SCLK (100–200)
0
0
0
1
4
SCLK (100–200)
4
SCLK (100–200)
2
SCLK (50.0–100)
0
0
1
0
4
SCLK (100–200)
2
SCLK (50.0–100)
4
SCLK (100–200)
0
0
1
1
25.0–50.0
4
SCLK (100–200)
2
SCLK (50.0–100) 2SCLK (50.0–100)
0
1
0
0
2
SCLK (50.0–100)
4
SCLK (100–200)
4
SCLK (100–200)
0
1
0
1
2
SCLK (50.0–100)
4
SCLK (100–200)
2
SCLK (50.0–100)
0
1
1
0
2
SCLK (50.0–100) 2SCLK (50.0–100)
4
SCLK (100–200)
0
1
1
1
2
SCLK (50.0–100) 2SCLK (50.0–100) 2SCLK (50.0–100)
1
0
0
0
6
SCLK (100–200)
6
SCLK (100–200)
6
SCLK (100–200)
1
0
0
1
6
SCLK (100–200)
6
SCLK (100–200)
3
SCLK (50.0–100)
1
0
1
0
6
SCLK (100–200)
3
SCLK (50.0–100)
6
SCLK (100–200)
1
0
1
1
16.67–33.33
6
SCLK (100–200)
3
SCLK (50.0–100) 3SCLK (50.0–100)
1
1
0
0
3
SCLK (50.0–100)
6
SCLK (100–200)
6
SCLK (100–200)
1
1
0
1
3
SCLK (50.0–100)
6
SCLK (100–200)
3
SCLK (50.0–100)
1
1
1
0
3
SCLK (50.0–100) 3SCLK (50.0–100)
6
SCLK (100–200)
1
1
1
1
3
SCLK (50.0–100) 3SCLK (50.0–100) 3SCLK (50.0–100)
a. Output frequency relationship with respect to input reference frequency CLK. The VCO frequency range is always 200–400.
Typical and Maximum Period Jitter Specification
Device Configuration
QA0 to QA6
QB0 to QB6
QC0 to QC6
Typ
Max
Typ
Max
Typ
Max
All output banks in
B2 or B4 divider configurationa
B2 (FSELA=0 and FESLB=0 and FSELC=0)
B4 (FSELA=1 and FESLB=1 and FSELC=1)
25
20
50
70
50
50
70
100
25
20
50
70
Mixed
B2/B4 divider configurationsb
for output banks in
B2 divider configurations
for output banks in
B4 divider configurations
80
25
130
70
100
60
150
100
80
25
130
70
a. In this configuration, all MPC9600 outputs generate the same clock frequency. See Figure 1 for an example configuration.
b. Multiple frequency generation. Jitter data are specified for each output divider sepeerately. See Figure 2 for an example.
Typical and Maximum Cycle–to–cycle Jitter Specification
Device Configuration
QA0 to QA6
QB0 to QB6
QC0 to QC6
Typ
Max
Typ
Max
Typ
Max
All output banks in
B2 or B4 divider configurationa
B2 (FSELA=0 and FESLB=0 and FSELC=0)
B4 (FSELA=1 and FESLB=1 and FSELC=1)
40
40
90
110
80
120
130
180
40
40
90
110
Mixed
B2/B4 divider configurationsb
for output banks in
B2 divider configurations
for output banks in
B4 divider configurations
150
30
250
110
200
120
280
180
150
30
250
110
a. In this configuration, all MPC9600 outputs generate the same clock frequency.
b. Multiple frequency generation. Jitter data are specified for each output divider sepeerately.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com