Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC9600FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TIMING SOLUTIONS
5
MOTOROLA
Table 4: DC CHARACTERISTICS (VCC = 2.5 V ±5%, TA = –40° to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.7
V
LVCMOS
VPP
Peak-to-peak input voltage (DC)
PCLK, PCLK
250
mV
LVPECL
VCMRa
Common Mode Range (DC)
PCLK, PCLK
1.0
VCC-0.6
V
LVPECL
VOH
Output High Voltage
1.8
V
IOH=-15 mAb
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output Impedance
17 – 20
W
IIN
Input Leakage Current
±150
µA
VIN = VCC or GND
ICCA
Maximum PLL Supply Current
3.0
5.0
mA
VCCA Pin
ICCQ
Maximum Quiescent Supply Current
1.0
mA
All VCC Pins
a. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR range
and the input swing lies within the VPP (DC) specification.
b. The MPC9600 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50 Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50 Ω series terminated transmission lines per
output.
Table 5: AC CHARACTERISTICS (VCC = 3.3 V ±5% or VCC = 2.5 V ±5%, TA = –40° to +85°C)a
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
B8 feedback (FSEL_FB=0)
B12 feedback (FSEL_FB=1)
Static test mode (VCCA = GND)
25
16.67
0
50
33
500
MHz
MHz
MHz
PLL locked
PLL locked
VCCA = GND
fVCO
VCO Frequency
200
400
MHz
fMAX
Maximum Output Frequency
B2 outputs (FSELx=0)
B4 outputs (FSELx=1)
100
50
200
100
MHz
MHz
PLL locked
PLL locked
frefDC
Reference Input Duty Cycle
25
75
%
VPP
Peak-to-peak Input Voltage
PCLK, PCLK
500
1000
mV
LVPECL
VCMRb
Common Mode Range
PCLK, PCLK (VCC = 3.3 V
±5%)
PCLK, PCLK (VCC = 2.5 V
±5%)
1.2
1.2
VCC-0.8
VCC-0.6
V
V
LVPECL
LVPECL
tr, tf
CCLK Input Rise/Fall Time
1.0
ns
see Figure 12
t(
∅)
Propagation Delay (static phase offset)
CCLK to FB_IN
PECL_CLK to FB_IN
–60
+30
+40
+130
+140
+230
ps
ps
PLL locked
PLL locked
tsk(o)
Output-to-output Skew
all outputs, single frequency
all outputs, multiple frequency
within QAx output bank
within QBx outputs
within QCx outputs
70
70
30
40
30
150
150
75
125
75
ps
ps
ps
ps
ps
Measured at
coincident
rising edge
DC
Output Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
see Figure 12
tPLZ, HZ
Output Disable Time
10
ns
tPZL, ZH
Output Enable Time
10
ns
BW
PLL Closed Loop Bandwidth
B8 feedback (FSEL_FB=0)
B12 feedback (FSEL_FB=1)
1.0 – 10
0.6 – 4.0
MHz
MHz
–3 dB point of
PLL transfer
characteristic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com