Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC9600FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9600 Logic Diagram
(pulldown)
0
1
(pulldn)
PCLK
Ref
FB
200 - 400 MHz
/2
/4
/8
/12
D
Q
D
Q
0
1
0
1
0
1
D
Q
0
1
7
7
D
Q
0
1
OE
8
7
(pulldown)
(pullup)
(pullup)
(pullup)
(pullup)
(pullup)
(pulldown)
Vcc/2
PCLK
CCLK
FSELA
FSELB
FSELC
FSEL_FB
REF_SEL
FB_IN
VCCA
VCC
GND
QB0–6
Bank A
QC0–6
QFB
QA6
QA5
QA4
QA3
QA2
QA1
QA0
Bank B
Bank C
Feedback
PLL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com