Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9600FA Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC9600FA
Description  LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9600FA Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC9600FA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9600FA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9600/D
Rev. 2, 11/2001
© Motorola, Inc. 2001
Low Voltage 2.5 V and 3.3 V
CMOS PLL Clock Driver
The MPC9600 is a low voltage 2.5 V or 3.3 V compatible, 1:21 PLL
based clock driver and fanout buffer. With output frequencies up to 200
MHz and output skews of 150 ps, the device meets the needs of the most
demanding clock tree applications.
Features:
• Multiplication of input frequency by 2, 3, 4 and 6
• Distribution of output frequency to 21 outputs organized in three output
banks: QA0-QA6, QB0-QB6, QC0-QC6, each fully selectable
• Fully integrated PLL
• Selectable output frequency range is 50 to 100 MHz and 100 to 200 MHz
• Selectable input frequency range is 16.67 to 33 MHz and 25 to 50 MHz
• LVCMOS outputs
• Outputs disable to high impedance (except QFB)
• LVCMOS or LVPECL reference clock options
• 48 lead QFP packaging
•±50 ps cycle-to-cycle jitter
• 150 ps maximum output-to-output skew
• 200 ps maximum static phase offset window
The MPC9600 is a fully LVCMOS 2.5 V or 3.3 V compatible PLL clock
driver. The MPC9600 has the capability to generate clock signals of 50 to
200 MHz from clock sources of 16.67 to 50 MHz. The internal PLL is
optimized for this frequency range and does not require external loop filter
components. QFB provides an output for the external feedback path to
the feedback input FB_IN. The QFB divider ratio is configurable and
determines the PLL frequency multiplication factor when QFB is directly
connected to FB_IN. The MPC9600 is optimized for minimizing the
propagation delay between the clock input and FB_IN.
Three output banks of 7 outputs each bank can be individually configured to divide the VCO frequency by 2 or by 4. Combining
the feedback and output divider ratios, the MPC9600 is capable to multiply the input frequency by 2, 3, 4 and 6.
The reference clock is selectable either LVPECL or LVCMOS. The LVPECL reference clock feature allows the designer to use
LVPECL fanout buffers for the inner branches of the clock distribution tree. All control inputs accept LVCMOS compatible levels.
The outputs provide low impedance LVCMOS outputs capable of driving parallel terminated 50
Ω transmission to VTT=VCC/2.
For series terminated lines the MPC9600 can drive two lines per output giving the device an effective total fanout of 1:42. With
guaranteed maximum output-to-output skew of 150 ps, the MPC9600 PLL clock driver meets the synchronization requirements
of the most demanding systems.
The VCCA analog power pin doubles as a PLL bypass select line for test purpose. When the VCCA is driven to GND the
reference clock will bypass the PLL.
The device is packaged in a 48-lead LQFP package to provide optimum combination of board density and performance.
MPC9600
3.3 V OR 2.5 V
LOW VOLTAGE CMOS
PLL CLOCK DRIVER
FA SUFFIX
48–LEAD LQFP PACKAGE
CASE 932–03
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9600FA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
More results

Similar Description - MPC9600FA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
logo
Renesas Technology Corp
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com