Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 13 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 9Page - Intel Corporation 82576EB Datasheet HTML 10Page - Intel Corporation 82576EB Datasheet HTML 11Page - Intel Corporation 82576EB Datasheet HTML 12Page - Intel Corporation 82576EB Datasheet HTML 13Page - Intel Corporation 82576EB Datasheet HTML 14Page - Intel Corporation 82576EB Datasheet HTML 15Page - Intel Corporation 82576EB Datasheet HTML 16Page - Intel Corporation 82576EB Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Intel® 82576EB GbE Controller - Sightings
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
13
1.5.1
Sightings
None.
1.5.2
Specification Clarifications
1. PCIe: End Point Request of I/O Space After Initialization
Clarification: The 82576 requests I/O space if EEPROM bit 14, word 0x19 is set. When this EEPROM bit
is set, I/O Space is always requested.
The specification does not define a way to signal that IO BAR usage is done. When PCIe
compliance tests are run, this may cause a test failure.
Failure when running PCI SIG compliance tests with EEPROM bit 14, word 0x19 set.
Workaround: Disable I/O BAR requests via EEPROM bit 14, word 0x19. Since various pre-boot SW tools
require the I/O Space be requested, the bit is enabled by default in EEPROM images.
▼ Return to Summary
2. PCIe: Partial Memory-Write Requests Actually Writing Full DW
Clarification: The PCIe specification allows a device not to accept certain requests. This is under
"programming model" cases. The device needs to issue a Completer Abort error if specific
request violates the programming model. As part of its programming model, the 82576
does not support writes and reads with Byte Enables to specific memory addresses. Such
writes will be fully executed and will not be treated as completion abort.
CSR writes and reads with partial (or zero) Byte Enables will be executed (in specific
address ranges). This scenario will not happen when using the device driver and this
functionality is also not needed for the normal operation of the design.
Workaround: No partial (zero) Byte Enables writing and reading to the device.
▼ Return to Summary
3. PCIe: Completion Timeout Mechanism Compliance
Clarification: PCIe Completion Timeout value must be properly set.
The 82576 Completion Timeout Value(3:0) must be properly set by the system BIOS in
Intel PCIe Configuration Space Device Control 2 Register (0xC8; RW). Failure to do so
can cause unpredictable system behavior.
44. PF's MSI TLP Might Contain the Wrong Requester ID When a VF Uses MSI-X
A1, A2 NoFix
Software Clarifications
Status
1. While In TCP Segmentation Offload, Each Buffer is Limited to 64 KB
NA
2. Serial Interfaces Programmed By Bit Banging
NA
3. PF/VF Drivers Should Configure Registers That Are Not Reset By VFLR
NA
Table 4. Summary of Sightings, Clarifications, Changes, Errata, Software Clarifications;
Errata Include Steppings (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com