Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 33 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 33 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 26Page - Intel Corporation 82576EB Datasheet HTML 27Page - Intel Corporation 82576EB Datasheet HTML 28Page - Intel Corporation 82576EB Datasheet HTML 29Page - Intel Corporation 82576EB Datasheet HTML 30Page - Intel Corporation 82576EB Datasheet HTML 31Page - Intel Corporation 82576EB Datasheet HTML 32Page - Intel Corporation 82576EB Datasheet HTML 33Page - Intel Corporation 82576EB Datasheet HTML 34Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
33
Implication: A BMC that uses the Get NC-SI Pass-through Statistics command and expects the
response format as described in the NC-SI Specification will not parse the response as
intended by the 82576, and will obtain inaccurate statistics.
Workaround: The BMC can account for the different format provided by the 82576 and parse the
response accordingly.
Status:
A1, A2 NoFix
▼ Return to Summary
43. PCIe: Receiver Overflow Error
Problem:
When a MemWr transaction with 64-bit address, 64-bit data, and ECRC is received, the
posted data (PD) CREDITS_RECEIVED flow control counter is not incremented.
Implication: No immediate effect. However, after 4064 of these packets, the CREDITS_ALLOCATED
counter value wraps around and passes the CREDITS_RECEIVED counter value, resulting
in a Receive Overflow error. This is an uncorrectable error that generally causes a
system hang or crash.
This issue can only occur on a system that generates ECRC. Typically, Intel platforms do
not support ECRC generation and are not susceptible to this issue.
Workaround: Do one of the following:
•
Do not perform QWORD (64-bit) writes to the device.
•
Disable ECRC generation on the root port to which the device is connected.
•
Use 32-bit addressing for any BAR through which a QWORD MemWr transaction may be
performed. This can be guaranteed by setting EEPROM word 0x21, bits 11:10 to 00b and (for
SR-IOV systems) EEPROM word 0x25, bit 2 to 0.
Status:
A1, A2 NoFix
▼ Return to Summary
44. PF's MSI TLP Might Contain the Wrong Requester ID When a VF Uses MSI-X
Problem:
When using IOV, if a PF uses MSI interrupts and one or more VFs use MSI-X interrupts,
some of the MSI TLPs for the PF might contain the wrong Requester ID.
Implication: There could be missing interrupts on the PF since the incorrect Requester ID could result
in the virtualization mechanism misrouting or dropping TLPs.
Workaround: If any VFs use MSI-X, all PFs should also use MSI-X.
Status:
A1, A2 NoFix
▼ Return to Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com