Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 14 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 10Page - Intel Corporation 82576EB Datasheet HTML 11Page - Intel Corporation 82576EB Datasheet HTML 12Page - Intel Corporation 82576EB Datasheet HTML 13Page - Intel Corporation 82576EB Datasheet HTML 14Page - Intel Corporation 82576EB Datasheet HTML 15Page - Intel Corporation 82576EB Datasheet HTML 16Page - Intel Corporation 82576EB Datasheet HTML 17Page - Intel Corporation 82576EB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Specification Clarifications - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
14
The 82576 complies with the PCIe 2.0 Specification for the completion timeout
mechanism and programmable timeout values. The PCIe 2.0 Specification provides
programmable timeout ranges between 50us to 64s with a default time range of 50us-
50ms. The 82576 defaults to a range of 500us – 1ms for PCIe capabilities version 1 and
2. The PCIe 2.0 Specification also strongly recommends that the default timeout value be
such that the completion timeout mechanism not expire in less than 10ms.
The completion timeout value must be programmed correctly in PCIe configuration space
(in Device Control 2 Register); the value must be set above the expected maximum
latency for completions in the system in which the 82576 is installed. This will ensure that
the 82576 receives the completions for the requests it sends out, avoiding a completion
timeout scenario. Failure to properly set the completion timeout value can result in the
device timing out prior to a completion returning. In the event of a completion timeout,
the device assumes the original completion is lost, and resends the original request, by
default. In this condition, if the completion for the original request arrives at the 82576
device, this will result in 2 completions arriving for the same request, which may cause
unpredictable system behavior.
As long as the Completion Timeout value is properly programmed by the system the
completion timeout mechanism works without issue. It is expected that the system BIOS
will set this value appropriately for the system.
Workaround: Alternatively a device driver could ensure the completion timeout value is set above 10ms
(in order to follow the recommendation of the PCIe 2.0 specification). The driver would
modify the timeout value, if and only if the default timeout value remains in configuration
space. This will not impact BIOSs already changing the timeout value since the driver will
not override any non-default setting of the timeout value. For extra protection against
unpredictable system behavior in case the timeout setting is incorrect, it is recommended
to disable the resend of the request. This can be done by clearing the
Completion_Timeout_Resend bit in the GCR Register.
The latest Intel drivers implement this workaround by modifying the completion timeout
value in config space if the timeout value is still set to a value of 0x0 when the driver
loads. They also clear the Completion_Timeout_Resend bit in the GCR Register.
Release 14.4 includes this fix.
▼ Return to Summary
4. PCIe: Receiver Dtection Circuit Design and Established Link Width
Clarification: The 82576 receiver detection circuit was designed according to the PCIe Specification
Rev. 1.1, which requires that an un-terminated receiver have an input impedance of at
least 200 Kohm. PCIe Specification Rev. 2.0 allows the input impedance to be as low as 1
Kohm at input voltages in the range -150 - 0 mV and does not specify a minimum input
impedance below -150 mV. As a result, a powered-down receiver lane with low input
impedance at negative voltages could be compliant to Rev 2.0 and yet be falsely detected
by the 82576 as a terminated lane.
This is normally not an issue since any connnected lanes should be properly terminated
within 5 ms after fundamental reset according to the PCIe Specification. However, there
are some chipset devices that require significantly more time to prepare the termination
and expect the link partner to remain in the LTSSM Detect state as long as none of the
lanes are terminated. When used with such devices, the 82576 might falsely detect a
receiver on one or more lanes and leave the Detect state. This can lead to establishing a
link that is less than full width.
In this case, it is recommended that a Hot Reset be performed after a link has been
established in order to force the 82576 to detect the receivers again when they are
properly terminated. As a result, a full-width link can be established.
Workaround: Not Applicable.
▼ Return to Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com