Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 3 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 3 Page - Intel Corporation

  82576EB Datasheet HTML 1Page - Intel Corporation 82576EB Datasheet HTML 2Page - Intel Corporation 82576EB Datasheet HTML 3Page - Intel Corporation 82576EB Datasheet HTML 4Page - Intel Corporation 82576EB Datasheet HTML 5Page - Intel Corporation 82576EB Datasheet HTML 6Page - Intel Corporation 82576EB Datasheet HTML 7Page - Intel Corporation 82576EB Datasheet HTML 8Page - Intel Corporation 82576EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Intel® 82576EB GbE Controller - Revisions
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
3
Revisions
Date
Revision
Description
January 2008
1.0
Initial release.
January 2008
1.1
Internal work copy.
March 2008
1.2
Updated to to show additional errata and errata addressed by A1.
March 2008
1.3
Internal work copy.
May 2008
1.9
Updated for Production stepping. Removed information that does not apply to the
production stepping removed errata fixed by documentation, mature silicon.
July 2008
2.0
Resolved documentation issues were removed. Intel Confidential stamp removed;
prepared for release on Developer.
February 2009
2.2
Non-security product information provided:
•
1.20 Product Code and Device Identification .
May 15, 2009
2.3
Spec clarification added:
•
3. PCIe: Completion Timeout Mechanism Compliance
August 6, 2009
2.4
Spec clarification added:
•
3. PCIe: Completion Timeout Mechanism Compliance
Errata updated or added:
•
6. Critical Session (Keep PHY Link Up) Mode Does Not Block All PHY Resets
Caused by PCIe Resets
•
18. JTAG: Instruction Register Functionality Doesn't Meet IEEE Std 1149-1-
2001
•
20. PCIe Elastic Buffer Noise Immunity Is Not Optimized
•
21. PCIe: Missing Replay Due to Recovery During TLP Transmission
•
22. PCIe: LTSSM Moves from L0 to Recovery Only When Receiving TS1/TS2 on
All Lanes
•
24. PCIe: Missing Completion on D3 to D0 Transition
•
25. PCIe: Completion Timeout Settings Not Loaded from EEPROM to GCR
•
26. MSI-X: Descriptor Write-back Not Triggered by EITR Expiration in MSI-X
Mode
March 5, 2010
2.5
Errata updated or added.
•
19. LED Stays On When SerDes Is Powered Down
•
27. Tx Packet Lost After PHY Speed Change Using Auto-Negotiation
•
28. PCIe: Wrong Byte Enable Bit Used for Completion Timeout Disable Bit in
Device Control 2 Register
•
29. PCIe: Completion with UR/CA Status Causes Unexpected Completion and
Completion Timeout Errors to be Reported
•
30. PCIe Hot Reset Can Lead to a Firmware Hang
•
31. MACSec: Replay Protect Not Working In Check Mode
•
32. MACSec: Packets With E=0, C=1 Should Not Be Handled as a
Authenticated MACSec Packet
•
33. MACSec: Packets With PN = 0 In The SECTAG Are Not Dropped
•
34. MACSec: SA Creation Doesn’t Clear Frame Verification Statistics
•
35. MACSec: LSECRXNUSA and LSECRXUNSA Statistic Counters Not Provided
•
36. MACSec: When MC Is MACSec owner, MAC Reset Still Clears Keys
March 8, 2010
2.6
•
36. MACSec: When MC Is MACSec owner, MAC Reset Still Clears Keys -
Additional information added; editorial changes made for clarity.
March 26, 2010
2.7
Specification clarification added:
•
4. PCIe: Receiver Dtection Circuit Design and Established Link Width
June 11, 2010
2.71
LinkSec references changed to MACSec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com