Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 4 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 4 Page - Intel Corporation

  82576EB Datasheet HTML 1Page - Intel Corporation 82576EB Datasheet HTML 2Page - Intel Corporation 82576EB Datasheet HTML 3Page - Intel Corporation 82576EB Datasheet HTML 4Page - Intel Corporation 82576EB Datasheet HTML 5Page - Intel Corporation 82576EB Datasheet HTML 6Page - Intel Corporation 82576EB Datasheet HTML 7Page - Intel Corporation 82576EB Datasheet HTML 8Page - Intel Corporation 82576EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Revisions - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
4
August 11, 2010
2.72
Spec Clarifications added:
•
5. Use of Wake on LAN Together with Manageability
Spec Changes added:
•
1. Update to PBA Number EEPROM Word Format
Errata added:
•
37. TimeSync: Missing Tx timestamps in SerDes mode
•
38. Virtualization: Dropped Packets When Using VM-to-VM Switching
September 9, 2010
2.73
Spec Clarification added:
•
6. Critical Session (Keep PHY Link Up) Mode Does Not Block All PHY Resets
Caused by PCIe Resets - Moved from Errata.
Spec Change, language updated:
•
1. Update to PBA Number EEPROM Word Format
Explanation expanded to address confusion about number format.
October 14, 2010
2.74
Software Clarfication:
•
1. While In TCP Segmentation Offload, Each Buffer is Limited to 64 KB
December 15, 2010
2.75
Spec Clarification added:
•
7. SerDes: AN_TIMEOUT Only Works When Link Partner Idle
Errata added:
•
39. I2C Data Out Hold Time Violation
April 20, 2011
2.76
Spec Changes added:
•
2. PCIe: Device Control 2 Register Should Not Be Written While DMA Is
Enabled
•
3. Updates to PXE/iSCSI EEPROM Words
Errata added:
•
40. TSYNC: Auxiliary Timestamp from SDP is Unreliable
May 5, 2011
2.77
Spec Change added:
•
4. Updated Definition of SW EEPROM Port Identification LED Blinking (Word
0x4)
July 20, 2011
2.78
Spec Changes added:
•
5. SerDes Forced Mode Override EEPROM Setting
•
6. Update to the Sequence in Switching Between Media
Errata added:
•
41. NC-SI: Get Link Status Command Might Cause Corruption of PHY Registers
August 2, 2011
2.79
Software Clarification added:
•
2. Serial Interfaces Programmed By Bit Banging
September 14, 2011
2.80
Errata added:
•
42. NC-SI: Get NC-SI Pass-through Statistics Response Format
November 28, 2011
2.81
• Table 1, Product Identification and Packaging is an update. It replaces two
older tables. Introduces the A2 stepping. A2 is functionally the same as A1.
Errata added:
•
43. PCIe: Receiver Overflow Error .
December 7, 2011
2.82
• Added A2 information to status data for each errata.
• Added the following text in Section 1.20: “There is an internal designator
visible as a dash on the die side of some packages. It’s location may differ. The
mark (looks like a dash, approximately 300X1000 μm in size) does not impact
function.”
December 13, 2011
2.83
• Table 1, Product Identification and Packaging. A table note has been updated.
The new text is: “There is no die change for parts listed as A2. There are no
Form, Fit, or Function changes to this silicon. Intel anticipates no impact to
customers. This is an internal package change to provide a material solution
that is RoHS compliant; Intel qualified and certified this change in the same
way as it does for all products supplied to customers.”
Date
Revision
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com