Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 18 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 14Page - Intel Corporation 82576EB Datasheet HTML 15Page - Intel Corporation 82576EB Datasheet HTML 16Page - Intel Corporation 82576EB Datasheet HTML 17Page - Intel Corporation 82576EB Datasheet HTML 18Page - Intel Corporation 82576EB Datasheet HTML 19Page - Intel Corporation 82576EB Datasheet HTML 20Page - Intel Corporation 82576EB Datasheet HTML 21Page - Intel Corporation 82576EB Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Specification Changes - Intel® 82576EB GbE Controller
Intel® 82576EB GbE Controller
Revision: 2.85
Specification Update
September 2012
18
2. PCIe: Device Control 2 Register Should Not Be Written While DMA Is Enabled
Change:
The Device Control 2 Register should only be written during initialization. When a port is
enabled to transmit or receive data, this register should not be written even if the value is
not changed.
▼ Return to Summary
3. Updates to PXE/iSCSI EEPROM Words
Change:
For Gigabit Main Setup Options Word 0x30, 0x34; bits 2:0 and bit 5 are now defined as
indicated in the table below.
▼ Return to Summary
Bit(s)
Value
Port Status
CLP(Combo)
Executes
iSCSI Boot Option ROM
CTRL-D Menu
FCoE Boot Option ROM
CTRL-D Menu
15:7
Same as before. No change.
5
Bit 5, formerly used to indicate iSCSI enable / disable, is no longer valid and is not checked by software.
4:3
Same as before. No change.
5-7
Reserved.
Same as Disabled.
4
FCoE
FCOE
• Displays port as FCoE.
• Allows changing to port to
Boot Disabled, iSCSI
Primary or Secondary
• Displays port as FCoE.
• Allows changing to Boot
Disabled
3
iSCSI
Secondary
iSCSI
• Displays port as iSCSI
Secondary.
• Allows changing to Boot
Disabled, iSCSI Primary
• Displays port as iSCSI.
• Allows changing to Boot
Disabled, FCoE enabled
2
iSCSI
Primary
iSCSI
• Displays port as iSCSI
Primary.
• Allows changing to Boot
Disabled, iSCSI Secondary
• Displays port as iSCSI.
• Allows changing to Boot
Disabled, FCoE enabled
1
Boot Disabled
NONE
• Displays port as Disabled.
• Allows changing to iSCSI
Primary/Secondary
• Displays port as Disabled.
• Allows changing to FCoE
enabled
2:0
0
PXE
PXE
• Displays port as PXE.
• Allows changing to Boot
Disabled, iSCSI Primary or
Secondary
• Displays port as PXE.
• Allows changing to Boot
Disabled, FCoE enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com