Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82576EB Datasheet(PDF) 21 Page - Intel Corporation

Part # 82576EB
Description  Intel짰 82576EB Gigabit Ethernet Controller Specification Update
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82576EB Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82576EB Datasheet HTML 17Page - Intel Corporation 82576EB Datasheet HTML 18Page - Intel Corporation 82576EB Datasheet HTML 19Page - Intel Corporation 82576EB Datasheet HTML 20Page - Intel Corporation 82576EB Datasheet HTML 21Page - Intel Corporation 82576EB Datasheet HTML 22Page - Intel Corporation 82576EB Datasheet HTML 23Page - Intel Corporation 82576EB Datasheet HTML 24Page - Intel Corporation 82576EB Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Intel® 82576EB GbE Controller - Errata
Revision: 2.85
Intel® 82576EB GbE Controller
September 2012
Specification Update
21
1.5.4
Errata
1. Internal Copper PHY: Improperly Implements Auto-Negotiation Advertisement Register
Problem:
The 82576 incorrectly transmits the link code word due to a write to register 4.
Implication: See the following notes on link code word bits:
Bits 4.7 and 4.8: Are always set in the base page transmission.
Bit 4.9: Represents 100BASE-T4 support. The 82576 does not support T4. It is unlikely
that the auto-negotiation feature of the 82576 will be used in an implementation to
advertise the presence of a T4 physical device. Therefore, the fact that this device does
not allow T4 to be advertised is not significant.
Bit 4.15: The 82576 always supports Next Page (regardless the value of bit 4.15). When
bit 4.15 is set to "one," the 82576 requires Register 7 (AN Next Page Transmit Register)
to be written to complete the Next Page Exchange. In this case, the 82576's Next Pages
do not correspond to Register 7, but contain valid 1000BASE-T Next Pages.
Workaround: Any write to register 4 should be followed with a restart of Auto-Negotiation by setting bit
0.9.
Status:
A1, A2 NoFix
▼ Return to Summary
2. PCIe: Differential Return Loss More than Specified Value
Problem:
The PCIe transmitter's differential return loss is -9.7 dB instead of the -10 dB
requirement.
Implication: The out-of-specification return loss adds noise to the Tx line. Performance is not affected.
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary
3. SGMII Counters Incorrectly Increment on Collision
Problem:
In SGMII mode/half duplex, the statistics counters listed below incorrectly increment
when a collision occurs:
Name
Definition
Location
RLEC
Length error counter
0X4040
CRCERRS
CRC error counter
0x4000
RFC
receive frame counter
0x40A8
Implication: Error counters may not be accurate.
Workaround: None.
Status:
A1, A2 NoFix
▼ Return to Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com