Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 146Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 147Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 148Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 149Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 150Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 151Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 152Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 153Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 166 page
background image
Device configuration
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
150/166
Doc ID 8349 Rev 5
15
Device configuration
Each device is available for production in user programmable versions (FLASH) as well as in
factory coded versions (FASTROM).
ST7FLITE2 devices are FLASH versions. ST7PLITE2 devices are Factory Advanced
Service Technique ROM (FASTROM) versions: they are factory programmed FLASH
devices.
ST7FLITE2 devices are shipped to customers with a default program memory content
(FFh), while FASTROM factory coded parts contain the code supplied by the customer. This
implies that FLASH devices have to be configured by the customer using the Option Bytes
while the FASTROM devices are factory configured.
15.1
Option bytes
The two option bytes allow the hardware configuration of the microcontroller to be selected.
The option bytes can be accessed only in programming mode (for example using a standard
ST7 programming tool).
15.1.1
Option byte 0
●
OPT7 = Reserved, must always be 1
●
OPT6:4 =
OSCRANGE[2:0] Oscillator range
When the internal RC oscillator is not selected (Option OSC=1), these option bits
select the range of the resonator oscillator current source or the external clock source.
Note:
When the internal RC oscillator is selected, the OSCRANGE option bits must be kept at
their default value in order to select the 256 clock cycle delay (see Section 7.5: Reset
sequence manager (RSM)).
●
OPT3:2 =
SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to Table 93.
Table 92.
Option bytes values
OSCRANGE
21
0
Typ.
frequency range with
Resonator
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1
VLP
32.768kHz
1
0
0
External
Clock source:
CLKIN
on OSC1
1
0
1
on PB4
1
1
1
Reserved
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com