Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 147Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 148Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 149Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 150Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 151Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 152Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 153Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 154Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Device configuration
Doc ID 8349 Rev 5
151/166
●
OPT1 =
FMP_R Read-out protection
Read-out protection, when selected provides a protection against program memory
content extraction and against write access to Flash memory. Erasing the option bytes
when the FMP_R option is selected will cause the whole memory to be erased first and
the device can be reprogrammed. Refer to the ST7 Flash Programming Reference
Manual and Section 4.5: Memory protection for more details
0: Read-out protection off
1: Read-out protection on
●
OPT0 =
FMP_W Flash write protection
This option indicates if the Flash program memory is write protected.
0: Write protection off
1: Write protection on
Warning:
When this option is selected, the program memory (and the
option bit itself) can never be erased or programmed again.
Table 93.
Size definition
Sector 0 size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11
Table 94.
Option byte default values
Option byte 0
70
Option byte 1
70
Res.
OSCRANGE
2:0
SEC
1
SEC
0
FMP
R
FMP
W
PLL
x4x8
PLL
OFF
PLL32
OFF
OSC
LVD
1
LVD
0
WDG
SW
WDG
HALT
Default
Value
1111
1
1
0
0
1
1
1
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com