Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE25F1B6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST7FLITE25F1B6
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE25F1B6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST7FLITE25F1B6 Datasheet HTML 150Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 151Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 152Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 153Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 154Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 155Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 156Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 157Page - STMicroelectronics ST7FLITE25F1B6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 166 page
background image
Device configuration
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
154/166
Doc ID 8349 Rev 5
Note:
Contact ST sales office for product availability.
Table 97.
Supported part numbers
Part number
Program
memory
(Bytes)
RAM
(Bytes)
Data
EEPROM
(Bytes)
Temp.
range
Package
ST7FLITE20F2B6
8K Flash
384
−
-40°C to 85°C
DIP20
ST7FLITE20F2M6
SO20
ST7FLITE25F2B6
−
DIP20
ST7FLITE25F2M6
SO20
ST7FLITE29F2B6
256
DIP20
ST7FLITE29F2M6
SO20
ST7FLITE29F2M7
SO20
ST7PLITE20F2B6
8K
FASTROM
384
−
-40°C to 85°C
DIP20
ST7PLITE20F2M6
SO20
ST7PLITE25F2B6
−
DIP20
ST7PLITE25F2M6
SO20
ST7PLITE29F2B6
256
DIP20
ST7PLITE29F2M6
SO20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com