Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 52 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 52 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
63
0603 size for high speed signal lines.
BLM18BSeries (0603 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM18B
*Please refer to BLM15B for downsizing.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
BLM18BB221SN1p
220ohm
±25%
450mA
0.45ohm max.
-55
°C to +125°C
BLM18BD221SN1p
220ohm
±25%
200mA
0.45ohm max.
-55
°C to +125°C
BLM18BB331SN1p
330ohm
±25%
400mA
0.58ohm max.
-55
°C to +125°C
BLM18BD331SN1p
330ohm
±25%
200mA
0.50ohm max.
-55
°C to +125°C
BLM18BD421SN1p
420ohm
±25%
200mA
0.55ohm max.
-55
°C to +125°C
BLM18BB471SN1p
470ohm
±25%
300mA
0.85ohm max.
-55
°C to +125°C
BLM18BD471SN1p
470ohm
±25%
200mA
0.55ohm max.
-55
°C to +125°C
BLM18BD601SN1p
600ohm
±25%
200mA
0.65ohm max.
-55
°C to +125°C
BLM18BD102SN1p
1000ohm
±25%
100mA
0.85ohm max.
-55
°C to +125°C
BLM18BD152SN1p
1500ohm
±25%
50mA
1.20ohm max.
-55
°C to +125°C
BLM18BD182SN1p
1800ohm
±25%
50mA
1.50ohm max.
-55
°C to +125°C
BLM18BD222SN1p
2200ohm
±25%
50mA
1.50ohm max.
-55
°C to +125°C
BLM18BD252SN1p
2500ohm
±25%
50mA
1.50ohm max.
-55
°C to +125°C
Number of Circuits: 1
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18BA050SN1p
5ohm
±25%
500mA
0.20ohm max.
-55
°C to +125°C
BLM18BB050SN1p
5ohm
±25%
700mA
0.05ohm max.
-55
°C to +125°C
BLM18BA100SN1p
10ohm
±25%
500mA
0.25ohm max.
-55
°C to +125°C
BLM18BB100SN1p
10ohm
±25%
700mA
0.10ohm max.
-55
°C to +125°C
BLM18BA220SN1p
22ohm
±25%
500mA
0.35ohm max.
-55
°C to +125°C
BLM18BB220SN1p
22ohm
±25%
600mA
0.20ohm max.
-55
°C to +125°C
BLM18BA470SN1p
47ohm
±25%
300mA
0.55ohm max.
-55
°C to +125°C
BLM18BB470SN1p
47ohm
±25%
550mA
0.25ohm max.
-55
°C to +125°C
BLM18BD470SN1p
47ohm
±25%
500mA
0.30ohm max.
-55
°C to +125°C
BLM18BB600SN1p
60ohm
±25%
550mA
0.25ohm max.
-55
°C to +125°C
BLM18BA750SN1p
75ohm
±25%
300mA
0.70ohm max.
-55
°C to +125°C
BLM18BB750SN1p
75ohm
±25%
500mA
0.30ohm max.
-55
°C to +125°C
BLM18BA121SN1p
120ohm
±25%
200mA
0.90ohm max.
-55
°C to +125°C
BLM18BB121SN1p
120ohm
±25%
500mA
0.30ohm max.
-55
°C to +125°C
BLM18BD121SN1p
120ohm
±25%
200mA
0.40ohm max.
-55
°C to +125°C
BLM18BB141SN1p
140ohm
±25%
450mA
0.35ohm max.
-55
°C to +125°C
BLM18BB151SN1p
150ohm
±25%
450mA
0.37ohm max.
-55
°C to +125°C
BLM18BD151SN1p
150ohm
±25%
200mA
0.40ohm max.
-55
°C to +125°C
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
: Electrode
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com