Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 31 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
42
6A Max, high performance type for power lines up to 600ohm.
BLM18KSeries (0603 Size)
BLM Series
Power Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Notice (Rating)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM18K
*Please refer to the products which are designed for both power lines and signal lines.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18KG260TN1p
26ohm
±25%
6000mA
0.007ohm max.
-55
°C to +125°C
BLM18KG700TN1p
70ohm
±25%
3500mA
0.022ohm max.
-55
°C to +125°C
BLM18KG121TN1p
120ohm
±25%
3000mA
0.030ohm max.
-55
°C to +125°C
BLM18KG221SN1p
220ohm
±25%
2200mA
0.050ohm max.
-55
°C to +125°C
BLM18KG331SN1p
330ohm
±25%
1700mA
0.080ohm max.
-55
°C to +125°C
BLM18KG471SN1p
470ohm
±25%
1500mA
0.130ohm max.
-55
°C to +125°C
BLM18KG601SN1p
600ohm
±25%
1300mA
0.150ohm max.
-55
°C to +125°C
Number of Circuits: 1
BLM18KG300TN1p
30ohm
±25%
5000mA
0.010ohm max.
-55
°C to +125°C
BLM18KG101TN1p
100ohm
±25%
3000mA
0.030ohm max.
-55
°C to +125°C
1.6
±0.15
0.8
±0.15
0.4
±0.2
(in mm)
: Electrode
Part Number
T
BLM18KG_TN
0.6
±0.15
BLM18KG_SN
0.8
±0.15
Frequency (MHz)
1
10
100
1000
3000
0
600
800
400
200
BLM18KG221SN1
BLM18KG121TN1
BLM18KG101TN1
BLM18KG700TN1
BLM18KG260TN1
BLM18KG331SN1
BLM18KG471SN1
BLM18KG601SN1
BLM18KG300TN1
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM18KG series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
85
125
0.0
1.0
1.3
1.5
1.7
2.0
2.2
3.0
3.5
4.0
5.0
6.0
7.0
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com