Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 81 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 81 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
92
2. Solder Paste Printing and Adhesive Application
When reflow soldering the chip ferrite beads, the printing
must be conducted in accordance with the following
cream solder printing conditions.
If too much solder is applied, the chip will be prone to
damage by mechanical and thermal stress from the PCB
and may crack.
Standard land dimensions should be used for resist and
copper foil patterns.
When flow soldering the chip ferrite beads, apply the
adhesive in accordance with the following conditions.
If too much adhesive is applied, then it may overflow into
the land or termination areas and yield poor solderability.
In contrast, if insufficient adhesive is applied, or if the
adhesive is not sufficiently hardened, then the chip may
become detached during flow soldering process.
BLM
BLM18/21/31/41 Series
(Except BLM18G Series)
Coating amount is illustrated in the
following diagram.
(in mm)
oEnsure that solder is applied smoothly to a
minimum height of 0.2mm to 0.3mm at the end
surface of the part.
oGuideline of solder paste thickness:
50-80
µm: BLM02
100-150
µm: BLM03
100-200
µm: BLM15/18/21/31/41
a: 20
−70µm
b: 30
−35µm
c: 50
−105µm
c
a
b
Chip Solid Inductor
Bonding agent
Land
PCB
BLA
BLA31 Series
Coating amount is illustrated in the
following diagram.
oGuideline of solder paste thickness:
100-150
µm: BLA2A
150-200
µm: BLA31
a: 20
−70µm
b: 30
−35µm
c: 50
−105µm
c
a
b
Chip Solid Inductor
Bonding Agent
Land
PCB
Series
Solder Paste Printing
Adhesive Application
(Except BLM
15_AN1 series)
0.4
1.75
0.8
0.25
0.25
BLA31
BLA2A
BLp Chip Ferrite Bead
Soldering and Mounting
o PCB Warping
PCB should be designed so that products are not
subjected to the mechanical stress caused by warping
the board.
Poor example
Products should be located in the sideways direction
(Length: a<b) to the mechanical stress.
Good example
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com