Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 61 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 61 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
72
For digital I/F. Reduce the distortion of waveform created by resonance.
BLM21RSeries (0805 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM21RK121SN1
BLM21RK221SN1
BLM21RK471SN1
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM21R
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21RK121SN1p
120ohm
±25%
200mA
0.15ohm max.
-55
°C to +125°C
BLM21RK221SN1p
220ohm
±25%
200mA
0.20ohm max.
-55
°C to +125°C
BLM21RK471SN1p
470ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21RK601SN1p
600ohm
±25%
200mA
0.30ohm max.
-55
°C to +125°C
BLM21RK102SN1p
1000ohm
±25%
200mA
0.50ohm max.
-55
°C to +125°C
Number of Circuits: 1
2.0
±0.2
0.5
±0.2
1.25
±0.2
EIA CODE : 0805
(in mm)
: Electrode
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
300
225
150
75
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
600
450
300
150
0
X
Z
R
Frequency (MHz)
1
10
100
1000
3000
1200
900
600
300
0
BLM21RK601SN1
BLM21RK471SN1
BLM21RK121SN1
BLM21RK102SN1
BLM21RK221SN1
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com