Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 87 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 87 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
98
BLM18HG471SN1
BLM18HG601SN1
BLM18HG102SN1
BLM18HB121SN1
BLM18HB221SN1
BLM18HB331SN1
BLM18HD471SN1
BLM18HD601SN1
BLM18HD102SN1
BLM18HE601SN1
BLM18HE102SN1
BLM18HE152SN1
BLM18HK331SN1
BLM18HK471SN1
BLM18HK601SN1
BLM18HK102SN1
BLM18EG101TN1
BLM18EG121SN1
BLM18EG221TN1
BLM18EG221SN1
BLM18EG331TN1
BLM18EG391TN1
BLM18EG471SN1
BLM18EG601SN1
BLM18GG471SN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.85
1.00
1.60
0.50
0.80
1.20
1.20
1.50
1.80
0.25
0.35
0.50
0.50
0.70
0.90
1.50
0.045
0.04
0.15
0.05
0.21
0.30
0.21
0.35
1.30
200
200
100
200
100
50
100
100
50
800
600
500
200
200
100
50
2000
2000
1000
2000
500
500
500
500
200
470
Ω±25%
600
Ω±25%
1000
Ω±25%
120
Ω±25%
220
Ω±25%
330
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
600
Ω±25%
1000
Ω±25%
1500
Ω±25%
330
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
100
Ω±25%
120
Ω±25%
220
Ω±25%
220
Ω±25%
330
Ω±25%
390
Ω±25%
470
Ω±25%
600
Ω±25%
470
Ω±25%
600
Ω (Typ.)
700
Ω (Typ.)
1000
Ω (Typ.)
500
Ω±40%
1100
Ω±40%
1600
Ω±40%
1000
Ω (Typ.)
1200
Ω (Typ.)
1700
Ω (Typ.)
600
Ω (Typ.)
1000
Ω (Typ.)
1500
Ω (Typ.)
400
Ω (Typ.)
600
Ω (Typ.)
700
Ω (Typ.)
1200
Ω (Typ.)
140
Ω (Typ.)
145
Ω (Typ.)
300
Ω (Typ.)
260
Ω (Typ.)
450
Ω (Typ.)
520
Ω (Typ.)
550
Ω (Typ.)
700
Ω ( Typ.)
1800
Ω±30%
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
oEKEMBL8GA (Chip Ferrite Beads 0603 Size / for High Frequency Type)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance
(at 100MHz, 20 degrees C)
Impedance
(at 1GHz, 20 degrees C)
Quantity
(pcs.)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
BLM18BD601SN1
BLM18BD102SN1
BLM18BD152SN1
BLM18BD182SN1
BLM18BD222SN1
BLM18BD252SN1
BLM18PG300SN1
BLM18PG330SN1
BLM18PG600SN1
BLM18PG121SN1
BLM18PG181SN1
BLM18PG221SN1
BLM18PG331SN1
BLM18PG471SN1
BLM18KG260TN1
BLM18KG300TN1
BLM18KG700TN1
BLM18KG101TN1
BLM18KG121TN1
BLM18KG221SN1
BLM18KG331SN1
BLM18KG471SN1
BLM18KG601SN1
BLM18SG260TN1
BLM18SG700TN1
BLM18SG121TN1
BLM18SG221TN1
BLM18SG331TN1
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
0.65
0.85
1.20
1.50
1.50
1.50
0.05
0.025
0.10
0.05
0.09
0.10
0.15
0.20
0.007
0.010
0.022
0.030
0.030
0.050
0.080
0.130
0.150
0.007
0.020
0.025
0.040
0.070
200
100
50
50
50
50
1000
3000
500
2000
1500
1400
1200
1000
6000
5000
3500
3000
3000
2200
1700
1500
1300
6000
4000
3000
2500
1500
600
Ω±25%
1000
Ω±25%
1500
Ω±25%
1800
Ω±25%
2200
Ω±25%
2500
Ω±25%
30
Ω (Typ.)
33
Ω±25%
60
Ω (Typ.)
120
Ω±25%
180
Ω±25%
220
Ω±25%
330
Ω±25%
470
Ω±25%
26
Ω±25%
30
Ω±25%
70
Ω±25%
100
Ω±25%
120
Ω±25%
220
Ω±25%
330
Ω±25%
470
Ω±25%
600
Ω±25%
26
Ω±25%
70
Ω±25%
120
Ω±25%
220
Ω±25%
330
Ω±25%
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
BLM18BB471SN1
BLM18BD470SN1
BLM18BD121SN1
BLM18BD151SN1
BLM18BD221SN1
BLM18BD331SN1
BLM18BD421SN1
BLM18BD471SN1
23
24
25
26
27
28
29
30
0.85
0.30
0.40
0.40
0.45
0.50
0.55
0.55
300
200
200
200
200
200
200
200
470
Ω±25%
47
Ω±25%
120
Ω±25%
150
Ω±25%
220
Ω±25%
330
Ω±25%
420
Ω±25%
470
Ω±25%
10
10
10
10
10
10
10
10
Continued from the preceding page.
Design Kits
BLp Chip Ferrite Bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com