Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
27
For GHz band noise, also capable to large current.
BLM15ESeries (0402 Size)
BLM Series
Universal Type [Power Lines/Signal Lines] Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Notice (Rating)
s Impedance-Frequency Characteristics
BLM15EG121SN1
BLM15EG221SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM15E
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15EG121SN1p
120ohm
±25%
145ohm(Typ.)
1500mA
0.095ohm max.
-55
°C to +125°C
BLM15EG221SN1p
220ohm
±25%
270ohm(Typ.)
700mA
0.28ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
300
200
100
BLM15EG221SN1
BLM15EG121SN1
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
200
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
300
200
100
Z
R
X
Derating
In operating temperature exceeding +85
°C, derating of current is
necessary for BLM15E series.
Please apply the derating curve shown in chart according to the operating
temperature.
2.1
1.8
1.5
1.2
0.9
0.6
Operating Temperature (
°C)
45
85
125
BLM15EG121SN1
0.9
0.7
0.5
0.3
Operating Temperature (
°C)
45
85
125
BLM15EG221SN1
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com