Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABD121SN4 Datasheet(PDF) 84 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD121SN4 Datasheet(HTML) 84 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. BLA2ABD121SN4 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
95
BL
Packaging
Chip Ferrite Bead
Part Number
Cavity Size (mm)
Minimum Qty. (pcs.)
BLM02
BLM03
BLM15
BLM18
BLM18EG/KG_TN
BLM18EG/KG_SN
BLM18S
BLM18T
BLM21
BLM31
BLM21BD222SN1/272SN1
BLA2A
BLA31
ø1.5
Direction of Feed
c
∗1 4.0±0.1
2.0
±0.05
4.0
±0.1
c
c: Depth of Cavity
(Embossed Tape)
c: Total Thickness of Tape
(Paper Tape)
Dimension of the cavity of embossed tape is measured at the bottom side.
Dimension of the cavity is measured at the bottom side.
d
<Embossed>
b
+0.1
-0
There are holes in the cavities of the BLM21BD222SN1/
BD272SN1 and BLM31 only. ø1.0
+0.3
-0
ø180mm Reel
Paper Tape
Embossed Tape
Paper Tape
Embossed Tape
d
c
b
a
ø330mm Reel
Bulk
Minimum Quantity and Dimensions of 8mm Width Paper / Embossed Tape
0.45
0.70
1.15
1.85
1.85
1.85
1.85
2.25
3.5
2.25
2.2
3.4
0.25
0.40
0.65
1.05
1.05
1.05
1.05
1.45
1.9
1.45
1.2
1.8
0.40 max.
0.55 max.
0.8 max.
1.1 max.
0.85 max.
1.1 max.
0.90 max.
0.90 max.
1.1 max.
1.3
1.3
0.8 max.
1.1 max.
-
-
-
-
-
-
-
-
0.2
0.2
-
-
-
-
-
-
-
-
-
-
3000
3000
-
-
-
50000
50000
10000
10000
30000
-
10000
-
-
50000
10000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
20000
15000
10000
4000
4000
10000
10000
4000
-
-
10000
4000
-
-
-
-
-
-
-
-
10000
10000
-
-
∗1 BLM02/03/15/18S/18T: 2.0
±0.05
BLA2A: 2.0
±0.1
<Paper>
BLM02/03
c
p
(in mm)
(in mm)
ø1.5
Direction of Feed
c
c: Depth of Cavity
"Minimum Quantity" means the number of units of each delivery or order. The quantity should be an integral multiple of the "Minimum Quantity".
4.0
±0.1
2.0
±0.05
4.0
±0.1
0.3
±0.1
ø1.5
+0.3
-0
b
+0.1
-0
Minimum Quantity and Dimensions of 12mm Width Embossed Tape
BLM41
Part Number
Cavity Size
Minimum Qty. (pcs.)
4.8
1.9
1.75
2500
8000
ø180mm Reel
c
b
a
ø330mm Reel
1000
Bulk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com