Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NIN-NDR10xTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-ND10NKTRF
10
±10% (K)
-
10
100 MHz
3300
0.18
540
NIN-ND12NKTRF
12
±10% (K)
-
10
100 MHz
3300
0.24
535
NIN-ND15NKTRF
15
±10% (K)
-
12
100 MHz
3000
0.24
520
NIN-ND18NKTRF
18
±10% (K)
-
12
100 MHz
3000
0.29
480
NIN-ND22NKTRF
22
±10% (K)
-
12
100 MHz
2600
0.29
465
NIN-ND27NKTRF
27
±10% (K)
-
15
100 MHz
2500
0.34
455
NIN-ND33NxTRF
33
±10% (K)
±5% (J)
15
100 MHz
2050
0.39
395
NIN-ND39NxTRF
39
±10% (K)
±5% (J)
15
100 MHz
2000
0.41
390
NIN-ND47NxTRF
47
±10% (K)
±5% (J)
15
100 MHz
1650
0.46
385
NIN-ND56NxTRF
56
±10% (K)
±5% (J)
15
100 MHz
1550
0.51
360
NIN-ND68NxTRF
68
±10% (K)
±5% (J)
15
100 MHz
1450
0.57
340
NIN-ND82NxTRF
82
±10% (K)
±5% (J)
15
100 MHz
1100
0.63
330
NIN-NDR10xTRF
100
±10% (K)
±5% (J)
8
25.2 MHz
800
0.86
285
NIN-NDR12xTRF
120
±10% (K)
±5% (J)
8
25.2 MHz
600
0.99
275
NIN-NDR15xTRF
150
±10% (K)
±5% (J)
10
25.2 MHz
600
1.47
230
NIN-NDR18xTRF
180
±10% (K)
±5% (J)
10
25.2 MHz
600
1.61
195
NIN-NDR22xTRF
220
±10% (K)
±5% (J)
10
25.2 MHz
500
1.84
170
NIN-NDR27xTRF
270
±10% (K)
±5% (J)
10
25.2 MHz
300
1.95
165
NIN-NDR33xTRF
330
±10% (K)
±5% (J)
10
25.2 MHz
200
2.16
160
NIN-NDR39xTRF
390
±10% (K)
±5% (J)
10
25.2 MHz
150
2.37
150
NIN-NDR47xTRF
470
±10% (K)
±5% (J)
10
25.2 MHz
150
2.56
145
NIN-NDR56xTRF
560
±10% (K)
±5% (J)
10
25.2 MHz
100
2.69
140
NIN-NDR68xTRF
680
±10% (K)
±5% (J)
10
25.2 MHz
100
3.02
130
NIN-NDR82xTRF
820
±10% (K)
±5% (J)
10
25.2 MHz
80
3.38
125
NIN-ND1R0xTRF
1,000
±10% (K)
±5% (J)
8
7.96 MHz
80
3.88
120
Molded Chip Wirewound Inductors
NIN Series
NIN-ND SERIES
D SIZE (0805)
STANDARD TYPE
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com