Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 11Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
NIN-NA SERIES
A SIZE (1210)
HIGH FREQUENCY
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-NA47NMTRF
0.047
±20% (M)
- - -
10
100 MHz
680
0.20
450
NIN-NA56NMTRF
0.056
±20% (M)
- - -
10
100 MHz
600
0.22
420
NIN-NA68NMTRF
0.068
±20% (M)
- - -
10
100 MHz
540
0.25
400
NIN-NA82NMTRF
0.082
±20% (M)
- - -
10
100 MHz
500
0.27
380
NIN-NAR10MTRF
0.10
±20% (M)
- - -
10
100 MHz
450
0.30
360
NIN-NAR12MTRF
0.12
±20% (M)
- - -
10
25.2 MHz
400
0.67
240
NIN-NAR15MTRF
0.15
±20% (M)
- - -
10
25.2 MHz
350
0.72
230
NIN-NAR18MTRF
0.18
±20% (M)
- - -
10
25.2 MHz
320
0.81
220
NIN-NAR22KTRF
0.22
±10% (K)
- - -
10
25.2 MHz
280
0.90
210
NIN-NAR27KTRF
0.27
±10% (K)
- - -
10
25.2 MHz
250
1.00
200
NIN-NAR33KTRF
0.33
±10% (K)
- - -
10
25.2 MHz
220
1.10
190
NIN-NAR39KTRF
0.39
±10% (K)
- - -
10
25.2 MHz
200
1.20
180
NIN-NAR47KTRF
0.47
±10% (K)
- - -
10
25.2 MHz
180
1.40
175
NIN-NAR56KTRF
0.56
±10% (K)
- - -
10
25.2 MHz
160
1.50
170
NIN-NAR68KTRF
0.68
±10% (K)
- - -
10
25.2 MHz
150
1.70
155
NIN-NAR82KTRF
0.82
±10% (K)
- - -
10
25.2 MHz
135
1.90
145
NIN-NA1R0JTRF
1.0
±5% (J)
- - -
13
7.96 MHz
120
2.10
125
NIN-NA1R2JTRF
1.2
±5% (J)
- - -
13
7.96 MHz
110
2.20
120
NIN-NA1R5JTRF
1.5
±5% (J)
- - -
13
7.96 MHz
95
2.70
115
NIN-NA1R8JTRF
1.8
±5% (J)
- - -
13
7.96 MHz
85
3.00
110
NIN-NA2R2JTRF
2.2
±5% (J)
- - -
13
7.96 MHz
80
3.20
110
NIN-NA2R7JTRF
2.7
±5% (J)
- - -
13
7.96 MHz
70
3.60
105
NIN-NA3R3JTRF
3.3
±5% (J)
- - -
13
7.96 MHz
62
4.20
100
NIN-NA3R9JTRF
3.9
±5% (J)
- - -
13
7.96 MHz
57
4.40
95
NIN-NA4R7JTRF
4.7
±5% (J)
- - -
13
7.96 MHz
52
7.70
70
NIN-NA5R6JTRF
5.6
±5% (J)
- - -
13
7.96 MHz
46
8.70
65
NIN-NA6R8JTRF
6.8
±5% (J)
- - -
13
7.96 MHz
42
10.0
60
NIN-NA8R2JTRF
8.2
±5% (J)
- - -
13
7.96 MHz
38
11.0
60
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com