Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 11Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 12Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 13Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN-FB SERIES
B-SIZE (1812)
STANDARD VALUES
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIN Series
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-FB100xTRF
10
±10% (K)
±5% (J)
50
2.52 MHz
20
1.60
250
NIN-FB120xTRF
12
±10% (K)
±5% (J)
50
2.52 MHz
18
2.00
225
NIN-FB150xTRF
15
±10% (K)
±5% (J)
50
2.52 MHz
17
2.50
200
NIN-FB180xTRF
18
±10% (K)
±5% (J)
50
2.52 MHz
15
2.80
190
NIN-FB220xTRF
22
±10% (K)
±5% (J)
50
2.52 MHz
13
3.20
180
NIN-FB270xTRF
27
±10% (K)
±5% (J)
50
2.52 MHz
12
3.60
170
NIN-FB330xTRF
33
±10% (K)
±5% (J)
50
2.52 MHz
11
4.00
160
NIN-FB390xTRF
39
±10% (K)
±5% (J)
50
2.52 MHz
10
4.50
150
NIN-FB470xTRF
47
±10% (K)
±5% (J)
50
2.52 MHz
10
5.00
140
NIN-FB560xTRF
56
±10% (K)
±5% (J)
50
2.52 MHz
9.0
5.50
135
NIN-FB680xTRF
68
±10% (K)
±5% (J)
50
2.52 MHz
9.0
6.00
130
NIN-FB820xTRF
82
±10% (K)
±5% (J)
50
2.52 MHz
8.0
7.00
120
NIN-FB101xTRF
100
±10% (K)
±5% (J)
40
0.796 MHz
8.0
8.00
110
NIN-FB121xTRF
120
±10% (K)
±5% (J)
40
0.796 MHz
6.0
8.00
110
NIN-FB151xTRF
150
±10% (K)
±5% (J)
40
0.796 MHz
5.0
9.00
105
NIN-FB181xTRF
180
±10% (K)
±5% (J)
40
0.796 MHz
5.0
9.50
102
NIN-FB221xTRF
220
±10% (K)
±5% (J)
40
0.796 MHz
4.0
10.0
100
NIN-FB271xTRF
270
±10% (K)
±5% (J)
40
0.796 MHz
4.0
12.0
92
NIN-FB331xTRF
330
±10% (K)
±5% (J)
40
0.796 MHz
3.5
14.0
85
NIN-FB391xTRF
390
±10% (K)
±5% (J)
40
0.796 MHz
3.0
19.0
80
NIN-FB471xTRF
470
±10% (K)
±5% (J)
40
0.796 MHz
3.0
26.0
62
NIN-FB561xTRF
560
±10% (K)
±5% (J)
30
0.796 MHz
3.0
30.0
50
NIN-FB681xTRF
680
±10% (K)
±5% (J)
30
0.796 MHz
3.0
30.0
50
NIN-FB821xTRF
820
±10% (K)
±5% (J)
30
0.796 MHz
2.5
35.0
30
NIN-FB102xTRF
1000
±10% (K)
±5% (J)
30
0.796 MHz
2.5
40.0
30
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com