Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 6 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
NIN-PC SERIES
C SIZE (1008)
HIGH CURRENT TYPE
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-PC1R0MTRF
1.0
±20% (M)
- - -
10
7.96 MHz
95
0.45
475
NIN-PC1R5MTRF
1.5
±20% (M)
- - -
10
7.96 MHz
85
0.55
435
NIN-PC2R2MTRF
2.2
±20% (M)
- - -
10
7.96 MHz
65
0.65
390
NIN-PC3R3MTRF
3.3
±20% (M)
- - -
8
7.96 MHz
55
0.85
340
NIN-PC4R7MTRF
4.7
±20% (M)
- - -
8
7.96 MHz
43
1.20
285
NIN-PC6R8MTRF
6.8
±20% (M)
- - -
8
7.96 MHz
39
1.30
275
NIN-PC100KTRF
10
±10% (K)
- - -
20
2.52 MHz
32
2.20
210
NIN-PC120KTRF
12
±10% (K)
- - -
20
2.52 MHz
25
2.70
195
NIN-PC150KTRF
15
±10% (K)
- - -
20
2.52 MHz
21
3.20
175
NIN-PC220KTRF
22
±10% (K)
- - -
20
2.52 MHz
18
4.00
160
NIN-PC330KTRF
33
±10% (K)
- - -
20
2.52 MHz
16
6.50
120
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com