Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 11Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
NIN-FA SERIES
A SIZE (1210)
STANDARD TYPE
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-FAR22xTRF
0.22
±20% (M)
±10% (K)
25
25.2 MHz
230
0.29
360
NIN-FAR27xTRF
0.27
±20% (M)
±10% (K)
25
25.2 MHz
210
0.32
345
NIN-FAR33xTRF
0.33
±20% (M)
±10% (K)
25
25.2 MHz
190
0.35
330
NIN-FAR39xTRF
0.39
±20% (M)
±10% (K)
25
25.2 MHz
175
0.39
305
NIN-FAR47xTRF
0.47
±20% (M)
±10% (K)
25
25.2 MHz
160
0.44
290
NIN-FAR56xTRF
0.56
±20% (M)
±10% (K)
25
25.2 MHz
150
0.49
275
NIN-FAR68xTRF
0.68
±20% (M)
±10% (K)
25
25.2 MHz
135
0.55
260
NIN-FAR82xTRF
0.82
±20% (M)
±10% (K)
25
25.2 MHz
125
0.61
245
NIN-FA1R0xTRF
1.0
±10% (K)
±5% (J)
30
7.96 MHz
115
0.69
230
NIN-FA1R2xTRF
1.2
±10% (K)
±5% (J)
30
7.96 MHz
100
0.75
215
NIN-FA1R5xTRF
1.5
±10% (K)
±5% (J)
30
7.96 MHz
90
0.75
210
NIN-FA1R8xTRF
1.8
±10% (K)
±5% (J)
30
7.96 MHz
85
0.82
200
NIN-FA2R2xTRF
2.2
±10% (K)
±5% (J)
30
7.96 MHz
80
0.95
190
NIN-FA2R7xTRF
2.7
±10% (K)
±5% (J)
30
7.96 MHz
75
1.10
180
NIN-FA3R3xTRF
3.3
±10% (K)
±5% (J)
30
7.96 MHz
65
1.20
180
NIN-FA3R9xTRF
3.9
±10% (K)
±5% (J)
30
7.96 MHz
60
1.30
175
NIN-FA4R7xTRF
4.7
±10% (K)
±5% (J)
30
7.96 MHz
55
1.50
165
NIN-FA5R6TRF
5.6
±10% (K)
±5% (J)
30
7.96 MHz
50
1.60
160
NIN-FA6R8xTRF
6.8
±10% (K)
±5% (J)
30
7.96 MHz
45
1.80
150
NIN-FA8R2xTRF
8.2
±10% (K)
±5% (J)
30
7.96 MHz
40
2.00
140
NIN-FA100xTRF
10
±10% (K)
±5% (J)
30
2.52 MHz
36
2.10
140
NIN-FA120xTRF
12
±10% (K)
±5% (J)
30
2.52 MHz
33
2.50
125
NIN-FA150xTRF
15
±10% (K)
±5% (J)
30
2.52 MHz
30
2.80
120
NIN-FA180xTRF
18
±10% (K)
±5% (J)
30
2.52 MHz
27
3.30
110
NIN-FA220xTRF
22
±10% (K)
±5% (J)
30
2.52 MHz
25
3.70
105
NIN-FA270xTRF
27
±10% (K)
±5% (J)
30
2.52 MHz
22
5.00
90
NIN-FA330xTRF
33
±10% (K)
±5% (J)
30
2.52 MHz
20
5.60
85
NIN-FA390xTRF
39
±10% (K)
±5% (J)
30
2.52 MHz
20
6.40
80
NIN-FA470xTRF
47
±10% (K)
±5% (J)
30
2.52 MHz
15
7.00
75
NIN-FA560xTRF
56
±10% (K)
±5% (J)
30
2.52 MHz
15
8.00
70
NIN-FA680xTRF
68
±10% (K)
±5% (J)
30
2.52 MHz
15
9.00
65
NIN-FA820xTRF
82
±10% (K)
±5% (J)
30
2.52 MHz
11
10.0
60
NIN-FA101xTRF
100
±10% (K)
±5% (J)
20
0.796 MHz
10
10.0
60
NIN-FA121xTRF
120
±10% (K)
±5% (J)
20
0.796 MHz
10
11.0
55
NIN-FA151xTRF
150
±10% (K)
±5% (J)
20
0.796 MHz
8
15.0
50
NIN-FA181xTRF
180
±10% (K)
±5% (J)
20
0.796 MHz
7
17.0
50
NIN-FA221xTRF
220
±10% (K)
±5% (J)
20
0.796 MHz
7
21.0
45
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com