Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 10Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 11Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 12Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 13Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductor
NIN-FB SERIES
B-SIZE (1812)
STANDARD VALUES
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIC
P/N
'L'
Inductance
(
μH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-FBR10xTRF
0.10
±20% (M)
±10% (K)
35
25.2 MHz
300
0.18
800
NIN-FBR12xTRF
0.12
±20% (M)
±10% (K)
35
25.2 MHz
280
0.20
770
NIN-FBR15xTRF
0.15
±20% (M)
±10% (K)
35
25.2 MHz
250
0.22
730
NIN-FBR18xTRF
0.18
±20% (M)
±10% (K)
35
25.2 MHz
220
0.24
700
NIN-FBR22xTRF
0.22
±20% (M)
±10% (K)
40
25.2 MHz
200
0.25
665
NIN-FBR27xTRF
0.27
±20% (M)
±10% (K)
40
25.2 MHz
180
0.26
635
NIN-FBR33xTRF
0.33
±20% (M)
±10% (K)
40
25.2 MHz
165
0.28
605
NIN-FBR39xTRF
0.39
±20% (M)
±10% (K)
40
25.2 MHz
150
0.30
575
NIN-FBR47xTRF
0.47
±20% (M)
±10% (K)
40
25.2 MHz
145
0.32
545
NIN-FBR56xTRF
0.56
±20% (M)
±10% (K)
40
25.2 MHz
140
0.36
520
NIN-FBR68xTRF
0.68
±20% (M)
±10% (K)
40
25.2 MHz
135
0.40
500
NIN-FBR82xTRF
0.82
±20% (M)
±10% (K)
40
25.2 MHz
130
0.45
475
NIN-FB1R0xTRF
1.0
±20% (M)
±10% (K)
50
7.96 MHz
100
0.50
450
NIN-FB1R2xTRF
1.2
±20% (M)
±10% (K)
50
7.96 MHz
80
0.55
430
NIN-FB1R5xTRF
1.5
±20% (M)
±10% (K)
50
7.96 MHz
70
0.60
410
NIN-FB1R8xTRF
1.8
±20% (M)
±10% (K)
50
7.96 MHz
60
0.65
390
NIN-FB2R2xTRF
2.2
±20% (M)
±10% (K)
50
7.96 MHz
55
0.70
380
NIN-FB2R7xTRF
2.7
±20% (M)
±10% (K)
50
7.96 MHz
50
0.75
370
NIN-FB3R3xTRF
3.3
±20% (M)
±10% (K)
50
7.96 MHz
45
0.80
355
NIN-FB3R9xTRF
3.9
±20% (M)
±10% (K)
50
7.96 MHz
40
0.90
330
NIN-FB4R7xTRF
4.7
±20% (M)
±10% (K)
50
7.96 MHz
35
1.00
315
NIN-FB5R6xTRF
5.6
±20% (M)
±10% (K)
50
7.96 MHz
33
1.10
300
NIN-FB6R8xTRF
6.8
±20% (M)
±10% (K)
50
7.96 MHz
27
1.20
285
NIN-FB8R2xTRF
8.2
±20% (M)
±10% (K)
50
7.96 MHz
25
1.40
270
NIN Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com