Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-NDR10xTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NIN-NDR10xTRF
Description  Molded Chip Wirewound Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-NDR10xTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NIN-NDR10xTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 6Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 7Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 8Page - NIC-Components Corp. NIN-NDR10xTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Molded Chip Wirewound Inductors
NIN Series
NIN-NC SERIES
C SIZE (1008)
HIGH FREQUENCY TYPE
NIC
P/N
'L'
Inductance
(nH)
Tolerance
'Q'
Factor
(min.)
L & Q
Test
Frequency
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
(std)
(opt)
NIN-NC10NKTRF
10
±10% (K)
- - -
10
100 MHz
2500
0.32
280
NIN-NC12NKTRF
12
±10% (K)
- - -
10
100 MHz
2200
0.34
270
NIN-NC15NKTRF
15
±10% (K)
- - -
10
100 MHz
1800
0.38
255
NIN-NC18NKTRF
18
±10% (K)
- - -
10
100 MHz
1550
0.40
250
NIN-NC22NKTRF
22
±10% (K)
- - -
15
100 MHz
1350
0.43
240
NIN-NC27NKTRF
27
±10% (K)
- - -
15
100 MHz
1150
0.47
230
NIN-NC33NxTRF
33
±10% (K)
±5% (J)
15
100 MHz
1000
0.51
220
NIN-NC39NxTRF
39
±10% (K)
±5% (J)
15
100 MHz
890
0.55
215
NIN-NC47NxTRF
47
±10% (K)
±5% (J)
15
100 MHz
770
0.59
205
NIN-NC56NxTRF
56
±10% (K)
±5% (J)
15
100 MHz
670
0.63
200
NIN-NC68NxTRF
68
±10% (K)
±5% (J)
15
100 MHz
590
0.68
190
NIN-NC82NxTRF
82
±10% (K)
±5% (J)
15
100 MHz
520
0.73
185
NIN-NCR10xTRF
100
±10% (K)
±5% (J)
10
25.2 MHz
460
0.80
175
NIN-NCR12xTRF
120
±10% (K)
±5% (J)
10
25.2 MHz
400
0.87
170
NIN-NCR15xTRF
150
±10% (K)
±5% (J)
10
25.2 MHz
340
0.98
160
NIN-NCR18xTRF
180
±10% (K)
±5% (J)
10
25.2 MHz
300
1.05
155
NIN-NCR22xTRF
220
±10% (K)
±5% (J)
10
25.2 MHz
260
1.15
145
NIN-NCR27xTRF
270
±10% (K)
±5% (J)
10
25.2 MHz
230
1.25
140
NIN-NCR33xTRF
330
±10% (K)
±5% (J)
10
25.2 MHz
200
1.37
135
NIN-NCR39xTRF
390
±10% (K)
±5% (J)
10
25.2 MHz
180
1.47
130
NIN-NCR47xTRF
470
±10% (K)
±5% (J)
10
25.2 MHz
160
1.58
125
NIN-NCR56xTRF
560
±10% (K)
±5% (J)
10
25.2 MHz
145
1.70
120
NIN-NCR68xTRF
680
±10% (K)
±5% (J)
10
25.2 MHz
130
1.85
110
NIN-NCR82xTRF
820
±10% (K)
±5% (J)
10
25.2 MHz
100
2.10
100
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com