Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 10Page - STMicroelectronics LSM303DLHTR Datasheet HTML 11Page - STMicroelectronics LSM303DLHTR Datasheet HTML 12Page - STMicroelectronics LSM303DLHTR Datasheet HTML 13Page - STMicroelectronics LSM303DLHTR Datasheet HTML 14Page - STMicroelectronics LSM303DLHTR Datasheet HTML 15Page - STMicroelectronics LSM303DLHTR Datasheet HTML 16Page - STMicroelectronics LSM303DLHTR Datasheet HTML 17Page - STMicroelectronics LSM303DLHTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Module specifications
LSM303DLH
14/47
Doc ID 16941 Rev 1
2.3
Communication interface characteristics
2.3.1
Accelerometer sensor I2C - inter IC control interface
Subject to general operating conditions for Vdd and top.
Figure 3.
I2C slave timing diagram (b)
Table 5.
I2C slave timing values
Symbol
Parameter
I2C standard mode (1)
I2C fast mode (1)
Unit
Min
Max
Min
Max
f(SCL)
SCL clock frequency
0
100
0
400
KHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0.01
0.9
µs
tr(SDA) tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL)
SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1.
Data based on standard I2C protocol requirement, not tested in production.
2.
Cb = total capacitance of one bus line, in pF.
b.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both port.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com