Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 21Page - STMicroelectronics LSM303DLHTR Datasheet HTML 22Page - STMicroelectronics LSM303DLHTR Datasheet HTML 23Page - STMicroelectronics LSM303DLHTR Datasheet HTML 24Page - STMicroelectronics LSM303DLHTR Datasheet HTML 25Page - STMicroelectronics LSM303DLHTR Datasheet HTML 26Page - STMicroelectronics LSM303DLHTR Datasheet HTML 27Page - STMicroelectronics LSM303DLHTR Datasheet HTML 28Page - STMicroelectronics LSM303DLHTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
LSM303DLH
Digital interfaces
Doc ID 16941 Rev 1
25/47
7.1.2
Linear acceleration digital interface
For linear acceleration, the default (factory) 7-bit slave address is 001100xb. The
SDO/SA0 pad can be used to modify the least significant bit of the device address. If the
SA0 pad is connected to voltage supply, LSb is ‘1’ (address 0011001b) otherwise if the SA0
pad is connected to ground, LSb value is ‘0’ (address 0011000b). This solution permits
connecting and addressing two different accelerometers to the same I2C lines.
The slave address is completed with a read/write bit. If the bit was ‘1’ (read), a repeated
START (SR) condition will have to be issued after the two sub-address bytes; if the bit is ‘0’
(write) the master transmits to the slave with direction unchanged.
Table 14 explains how
the SAD+Read/Write bit pattern is composed, listing all the possible configurations.
Table 14.
SAD+Read/Write patterns
In order to read multiple bytes, it is necessary to assert the most significant bit of the sub-
address field. In other words, SUB(7) must be equal to 1 while SUB(6-0) represents the
address of the first register to be read.
In the presented communication format , MAK is Master Acknowledge and NMAK is No
Master Acknowledge.
7.1.3
Magnetic field digital interface
The system communicates via a two-wire I2C bus system as a slave device. The interface
protocol is defined by the I2C bus specification. The data rate is the standard mode 100
kbps or 400 kbps rates as defined by the I2C bus specifications. The bus bit format is an 8-
bit data/address send and a 1-bit acknowledge bit. The format of the data bytes (payload)
shall be case-sensitive ASCII characters or binary data to the magnetic sensor slave, and
binary data returned. Negative binary values will be in two’s complement form.
For magnetic sensor, the default (factory) 7-bit slave address is 0011110b
(0x3C) for write operations, or 00111101b (0x3D) for read operations.
The Serial Clock (SCL_M) and Serial Data (SDA_M) lines have optional internal pull-up
resistors, but require resistive pull-up (Rp) between the master device (usually a host
microprocessor) and the LSM303DLH. Pull-up resistance values of about 10 k
Ω are
recommended with a nominal 1.8 V digital supply voltage (Vdd_dig_M).
Command
SAD[6:1]
SAD[0] = SA0
R/W
SAD+R/W
Read
001100
0
1
00110001 (31h)
Write
001100
0
0
00110000 (30h)
Read
001100
1
1
00110011 (33h)
Write
001100
1
0
00110010 (32h)
Table 15.
Transfer when master is receiving (reading) multiple bytes of data from slave
Master
ST
SAD
+W
SUB
SR
SAD
+R
MAK
MAK
NMAK
SP
Slave
SAK
SAK
SAK
DATA
DATA
DATA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com