Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 29Page - STMicroelectronics LSM303DLHTR Datasheet HTML 30Page - STMicroelectronics LSM303DLHTR Datasheet HTML 31Page - STMicroelectronics LSM303DLHTR Datasheet HTML 32Page - STMicroelectronics LSM303DLHTR Datasheet HTML 33Page - STMicroelectronics LSM303DLHTR Datasheet HTML 34Page - STMicroelectronics LSM303DLHTR Datasheet HTML 35Page - STMicroelectronics LSM303DLHTR Datasheet HTML 36Page - STMicroelectronics LSM303DLHTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
LSM303DLH
Registers description
Doc ID 16941 Rev 1
33/47
The BDU bit is used to inhibit output register updates between the reading of the upper and
lower register parts. In default mode (BDU = ‘0’), the lower and upper register parts are
updated continuously. If it is not certain to read faster than output data rate, it is
recommended to set BDU bit to ‘1’. In this way, after the reading of the lower (upper) register
part, the content of that output register is not updated until the upper (lower) part is read
also. This feature avoids reading LSB and MSB related to different samples.
9.1.5
CTRL_REG5_A (24h)
TurnOn bits are used for turning on the sleep-to-wake function.
By setting the TurnOn [1:0] bits to 11, the “sleep-to-wake” function is enabled. When an
interrupt event occurs, the device goes into normal mode, increasing the ODR to the value
defined in CTRL_REG1_A. Although the device is in normal mode, CTRL_REG1_A content
is not automatically changed to “normal mode” configuration.
9.1.6
HP_FILTER_RESET_A (25h)
Dummy register. Reading at this address instantaneously zeroes the content of the internal
high-pass filter. If the high-pass filter is enabled, all three axes are instantaneously set to 0
g. This makes it possible to surmount the settling time of the high-pass filter.
9.1.7
REFERENCE_A (26h)
Table 31.
CTRL_REG5_A register
0
000
00
TurnOn1
TurnOn0
Table 32.
CTRL_REG5_A description
TurnOn1,
TurnOn0
Turn-on mode selection for sleep-to-wake function. Default value: 00.
Table 33.
Sleep-to-wake configuration
TurnOn1
TurnOn0
Sleep-to-wake status
0
0
Sleep-to-wake function is disabled
11
Turned on: The device is in low-power mode
(ODR is defined in CTRL_REG1_A)
Table 34.
REFERENCE_A register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 35.
REFERENCE_A description
Ref7 - Ref0
Reference value for high-pass filter. Default value: 00h.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com