Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 12Page - STMicroelectronics LSM303DLHTR Datasheet HTML 13Page - STMicroelectronics LSM303DLHTR Datasheet HTML 14Page - STMicroelectronics LSM303DLHTR Datasheet HTML 15Page - STMicroelectronics LSM303DLHTR Datasheet HTML 16Page - STMicroelectronics LSM303DLHTR Datasheet HTML 17Page - STMicroelectronics LSM303DLHTR Datasheet HTML 18Page - STMicroelectronics LSM303DLHTR Datasheet HTML 19Page - STMicroelectronics LSM303DLHTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Absolute maximum ratings
LSM303DLH
16/47
Doc ID 16941 Rev 1
3
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Table 6.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
Vin
Input voltage on any control pin (SCL, SDA)
-0.3 to Vdd_IO +0.3
V
APOW
Acceleration (any axis, powered, Vdd = 2.5 V)
3,000 for 0.5 ms
g
10,000 for 0.1 ms
g
AUNP
Acceleration (any axis, unpowered)
3,000 for 0.5 ms
g
10,000 for 0.1 ms
g
TOP
Operating temperature range
-30 to +85
°C
TSTG
Storage temperature range
-40 to +125
°C
This is a mechanical shock sensitive device, improper handling can cause permanent
damages to the part.
This is an ESD sensitive device, improper handling can cause permanent damages to
the part.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com