Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 25Page - STMicroelectronics LSM303DLHTR Datasheet HTML 26Page - STMicroelectronics LSM303DLHTR Datasheet HTML 27Page - STMicroelectronics LSM303DLHTR Datasheet HTML 28Page - STMicroelectronics LSM303DLHTR Datasheet HTML 29Page - STMicroelectronics LSM303DLHTR Datasheet HTML 30Page - STMicroelectronics LSM303DLHTR Datasheet HTML 31Page - STMicroelectronics LSM303DLHTR Datasheet HTML 32Page - STMicroelectronics LSM303DLHTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
LSM303DLH
Registers description
Doc ID 16941 Rev 1
29/47
9
Registers description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The register address, composed of 7 bits, is used to identify them and to
write the data through the serial interface.
9.1
Linear acceleration register
For linear acceleration sensors, the default (factory) 7-bit slave address is 001100xb.
9.1.1
CTRL_REG1_A (20h)
PM bits allow selection between power-down and two operating active modes. The device is
in power-down mode when the PD bits are set to “000” (default value after boot). Table 20
shows all the possible power mode configurations and respective output data rates. Output
data in the low-power modes are computed with a low-pass filter cut-off frequency defined
by DR1, DR0 bits.
DR bits, in the normal-mode operation, select the data rate at which acceleration samples
are produced. In low-power mode they define the output data resolution. Table 21 shows all
the possible configurations for the DR1 and DR0 bits.
Table 18.
CTRL_REG1_A register
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
Table 19.
CTRL_REG1_A description
PM2 - PM0
Power mode selection. Default value: 000
(000: Power-down; Others: refer to
Table 20)
DR1, DR0
Data rate selection. Default value: 00
(00:50 Hz; others: refer to
Table 21)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)
Table 20.
Power mode and low-power output data rate configurations
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
0
0
0
Power-down
--
0
0
1
Normal mode
ODR
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com