Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 28Page - STMicroelectronics LSM303DLHTR Datasheet HTML 29Page - STMicroelectronics LSM303DLHTR Datasheet HTML 30Page - STMicroelectronics LSM303DLHTR Datasheet HTML 31Page - STMicroelectronics LSM303DLHTR Datasheet HTML 32Page - STMicroelectronics LSM303DLHTR Datasheet HTML 33Page - STMicroelectronics LSM303DLHTR Datasheet HTML 34Page - STMicroelectronics LSM303DLHTR Datasheet HTML 35Page - STMicroelectronics LSM303DLHTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Registers description
LSM303DLH
32/47
Doc ID 16941 Rev 1
9.1.4
CTRL_REG4_A (23h)
Table 27.
CTRL_REG3_A description
IHL
Interrupt active high, low. Default value: 0
(0: active high; 1:active low)
PP_OD
Push-pull/open drain selection on interrupt pad. Default value 0.
(0: push-pull; 1: open drain)
LIR2
Latch interrupt request on INT2_SRC register, with INT2_SRC register cleared by
reading INT2_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
I2_CFG1,
I2_CFG0
Data signal on INT 2 pad control bits. Default value: 00.
(see table below)
LIR1
Latch interrupt request on INT1_SRC register, with INT1_SRC register cleared by
reading INT1_SRC register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
I1_CFG1,
I1_CFG0
Data signal on INT 1 pad control bits. Default value: 00.
(see table below)
Table 28.
Data signal on INT 1 and INT 2 pad
I1(2)_CFG1
I1(2)_CFG0
INT 1(2) Pad
0
0
Interrupt 1 (2) source
0
1
Interrupt 1 source OR interrupt 2 source
1
0
Data ready
1
1
Boot running
Table 29.
CTRL_REG4_A register
BDU
BLE
FS1
FS0
STsign
0
ST
---
Table 30.
CTRL_REG4_A description
BDU
Block data update. Default value: 0
(0: continuos update; 1: output registers not updated between MSB and LSB reading)
BLE
Big/little endian data selection. Default value 0.
(0: data LSB @ lower address; 1: data MSB @ lower address)
FS1, FS0
Full-scale selection. Default value: 00.
(00: ±2
g; 01: ±4 g; 11: ±8 g)
STsign
Self-test sign. Default value: 00.
(0: self-test plus; 1 self-test minus)
ST
Self-test enable. Default value: 0.
(0: self-test disabled; 1: self-test enabled)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com