Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLHTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 34Page - STMicroelectronics LSM303DLHTR Datasheet HTML 35Page - STMicroelectronics LSM303DLHTR Datasheet HTML 36Page - STMicroelectronics LSM303DLHTR Datasheet HTML 37Page - STMicroelectronics LSM303DLHTR Datasheet HTML 38Page - STMicroelectronics LSM303DLHTR Datasheet HTML 39Page - STMicroelectronics LSM303DLHTR Datasheet HTML 40Page - STMicroelectronics LSM303DLHTR Datasheet HTML 41Page - STMicroelectronics LSM303DLHTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Registers description
LSM303DLH
38/47
Doc ID 16941 Rev 1
9.1.17
INT2_SRC_A (35h)
Interrupt 2 source register. Read-only register.
Reading at this address clears INT2_SRC_A IA bit (and the interrupt signal on INT 2 pin)
and allows the refreshing of data in the INT2_SRC_A register if the latched option was
chosen.
9.1.18
INT2_THS_A (36h)
9.1.19
INT2_DURATION_A (37h)
Table 50.
INT2_SRC_A register
0
IA
ZH
ZL
YHYLXHXL
Table 51.
INT2_SRC_A description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH
Z high. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL
Z low. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH
Y high. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL
X Low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 52.
INT2_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 53.
INT2_THS description
THS6 - THS0
Interrupt 1 threshold. Default value: 000 0000
Table 54.
INT2_DURATION_A register
0
D6D5D4
D3
D2D1
D0
Table 55.
INT2_DURATION_A description
D6 - D0
Duration value. Default value: 000 0000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com