Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303DLH Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM303DLH
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM303DLH Datasheet HTML 8Page - STMicroelectronics LSM303DLH Datasheet HTML 9Page - STMicroelectronics LSM303DLH Datasheet HTML 10Page - STMicroelectronics LSM303DLH Datasheet HTML 11Page - STMicroelectronics LSM303DLH Datasheet HTML 12Page - STMicroelectronics LSM303DLH Datasheet HTML 13Page - STMicroelectronics LSM303DLH Datasheet HTML 14Page - STMicroelectronics LSM303DLH Datasheet HTML 15Page - STMicroelectronics LSM303DLH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
Module specifications
LSM303DLH
12/47
Doc ID 16941 Rev 1
LA_TCSo
Linear acceleration sensitivity
change vs. temperature
FS bit set to 00
±0.01
%/°C
LA_TyOff
Linear acceleration typical
zero-
g level offset
accuracy(3),(4)
FS bit set to 00
±20
m
g
LA_TCOff
Linear acceleration zero-
g level
change vs temperature
Max delta from 25 °C
±0.1
m
g/°C
LA_An
Acceleration noise density
FS bit set to 00
218
µ
g/√ Hz
LA_Vst
Linear acceleration self-test
output change(5),(6),(7)
FS bit set to 00
X axis
300
LSb
FS bit set to 00
Y axis
-300
LSb
FS bit set to 00
Z axis
350
LSb
M_CAS
Magnetic cross-axis sensitivity
Cross field = 0.5 gauss
Happlied = ±3 gauss
±1
%FS/
gauss
M_EF
Maximum exposed field
No permitting effect on
zero reading
10000
gauss
M_ST
Magnetic self test
Positive bias mode, GN
bits set to 100 on X, Y axis
270
LSB
Positive bias mode, GN
bits set to 100 on Z axis
255
LSB
M_R
Magnetic resolution
Vdd = 3 V
8
mgauss
M_DF
Disturbing field
Sensitivity starts to
degrade. User S/R pulse to
restore sensitivity
20
gauss
Top
Operating temperature range
-30
+85
°C
1.
Typical specifications are not guaranteed
2.
Verified by wafer level test and measurement of initial offset and sensitivity
3.
Typical zero-
g level offset value after MSL3 preconditioning
4.
Offset can be eliminated by enabling the built-in high-pass filter
5.
The sign of “Self-test output change” is defined by the CTRL_REG4 STsign bit (
Table 29), for all axes.
6.
Self-test output changes with the power supply. “Self-test output change” is defined as
OUTPUT[LSb](CTRL_REG4 ST bit=1) - OUTPUT[LSb](CTRL_REG4 ST bit=0). 1LSb=4g/4096 at 12bit representation, ±2 g full-scale
7.
Output data reach 99% of final value after 1/ODR+1ms when enabling self-test mode, due to device filtering
Table 3.
Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com